Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-384RH883S Datasheet(PDF) 11 Page - Intersil Corporation

Part # HS9-384RH883S
Description  Radiation Hardened CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-384RH883S Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HS9-384RH883S Datasheet HTML 7Page - Intersil Corporation HS9-384RH883S Datasheet HTML 8Page - Intersil Corporation HS9-384RH883S Datasheet HTML 9Page - Intersil Corporation HS9-384RH883S Datasheet HTML 10Page - Intersil Corporation HS9-384RH883S Datasheet HTML 11Page - Intersil Corporation HS9-384RH883S Datasheet HTML 12Page - Intersil Corporation HS9-384RH883S Datasheet HTML 13Page - Intersil Corporation HS9-384RH883S Datasheet HTML 14Page - Intersil Corporation HS9-384RH883S Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
HS-302RH/303RH/306RH/307RH/384RH/390RH/883S
Intersil Space Level Product Flow
Wafer Lot Acceptance (All Lots) Method 5007
(Includes SEM)
GAMMA Radiation Verification (Each Wafer) Method 1019,
4 Samples/Wafer, 0 Rejects
100% Nondestructive Bond Pull, Method 2023
Sample - Wire Bond Pull Monitor, Method 2011
Sample - Die Shear Monitor, Method 2019 or 2027
100% Internal Visual Inspection, Method 2010, Condition A
100% Temperature Cycle, Method 1010, Condition C,
10 Cycles
100% Constant Acceleration, Method 2001, Condition per
Method 5004
100% PIND, Method 2020, Condition A
100% External Visual
100% Serialization
100% Initial Electrical Test (T0)
100% Static Burn-In 1, Condition A or B, 72hrs. min.,
+125oC min.
100% Interim Electrical Test (T1)
100% Delta Calculation (T0-T1)
100% PDA, Method 5004 (Note 1)
100% Dynamic Burn-In, Condition D, 240 hrs., +125oCor
Equivalent, Method 1015
100% Interim Electrical Test (T2)
100% Delta Calculation (T0-T2)
100% PDA, Method 5004 (Note 1)
100% Final Electrical Test
100% Fine/Gross Leak, Method 1014
100% Radiographic, Method 2012 (Note 2)
100% External Visual, Method 2009
Sample - Group A, Method 5005 (Note 3)
Sample - Group B, Method 5005
Sample - Group D, Method 5005
100% Data Package Generation (Note 4)
NOTES:
1. Failures from subgroup 1, 7 and deltas are used for calculating PDA. The maximum allowable PDA = 5% with no more than 3% of the
failures from subgroup 7.
2. Radiographic (X-Ray) inspection may be performed at any point after serialization as allowed by Method 5004.
3. Alternate Group A testing may be performed as allowed by MIL-STD-883, Method 5005.
4. Data Package Contents:
• Cover Sheet (Intersil Name and/or Logo, P.O. Number, Customer Part Number, Lot Date Code, Intersil Part Number, Lot Number, Quan-
tity).
• Wafer Lot Acceptance Report (Method 5007). Includes reproductions of SEM photos with percent of step coverage.
• GAMMA Radiation Report. Contains Cover page, disposition, Rad Dose, Lot Number, Test Package used, Specification Numbers, Test
equipment, etc. Radiation Read and Record data on file at Intersil.
• X-Ray report and film. Includes penetrometer measurements.
• Screening, Electrical, and Group A attributes (Screening attributes begin after package seal).
• Lot Serial Number Sheet (Good units serial number and lot number).
• Variables Data (All Delta operations). Data is identified by serial number. Data header includes lot number and date of test. (See Table 6)
• Group B and D attributes and/or Generic data.
• The Certificate of Conformance is a part of the shipping invoice and is not part of the Data Book. The Certificate of Conformance is signed
by an authorized Quality Representative.
Spec Number
518526


Similar Part No. - HS9-384RH883S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS9-302AEH-Q RENESAS-HS9-302AEH-Q Datasheet
651Kb / 16P
   Radiation Hardened BiCMOS Dual DPST Analog Switch
Jul 7, 2021
HS9-302AEH/PROTO RENESAS-HS9-302AEH/PROTO Datasheet
651Kb / 16P
   Radiation Hardened BiCMOS Dual DPST Analog Switch
Jul 7, 2021
logo
Intersil Corporation
HS9-302EH-Q INTERSIL-HS9-302EH-Q Datasheet
148Kb / 3P
   Radiation Hardened CMOS Dual DPST Analog Switch
logo
Renesas Technology Corp
HS9-302EH-Q RENESAS-HS9-302EH-Q Datasheet
297Kb / 5P
   Radiation Hardened CMOS Dual DPST Analog Switch
July 31, 2013
logo
Intersil Corporation
HS9-302RH INTERSIL-HS9-302RH Datasheet
148Kb / 3P
   Radiation Hardened CMOS Dual DPST Analog Switch
More results

Similar Description - HS9-384RH883S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-303ARH INTERSIL-HS-303ARH Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-303ARH RENESAS-HS-303ARH Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
logo
Intersil Corporation
HS-303RH-T INTERSIL-HS-303RH-T Datasheet
25Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-302RH-T INTERSIL-HS-302RH-T Datasheet
26Kb / 2P
   Radiation Hardened CMOS Dual DPST Analog Switch
HS-303ARH INTERSIL-HS-303ARH_12 Datasheet
201Kb / 5P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-390RH-T INTERSIL-HS-390RH-T Datasheet
26Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH INTERSIL-HS-303RH Datasheet
491Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-302EH INTERSIL-HS-302EH Datasheet
148Kb / 3P
   Radiation Hardened CMOS Dual DPST Analog Switch
logo
Renesas Technology Corp
HS-302RH RENESAS-HS-302RH Datasheet
297Kb / 5P
   Radiation Hardened CMOS Dual DPST Analog Switch
July 31, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com