Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-80C85RH Datasheet(PDF) 4 Page - Intersil Corporation

Part # HS-80C85RH
Description  Radiation Hardened 8-Bit CMOS Microprocessor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-80C85RH Datasheet(HTML) 4 Page - Intersil Corporation

  HS-80C85RH Datasheet HTML 1Page - Intersil Corporation HS-80C85RH Datasheet HTML 2Page - Intersil Corporation HS-80C85RH Datasheet HTML 3Page - Intersil Corporation HS-80C85RH Datasheet HTML 4Page - Intersil Corporation HS-80C85RH Datasheet HTML 5Page - Intersil Corporation HS-80C85RH Datasheet HTML 6Page - Intersil Corporation HS-80C85RH Datasheet HTML 7Page - Intersil Corporation HS-80C85RH Datasheet HTML 8Page - Intersil Corporation HS-80C85RH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
HS-80C85RH
FIGURE 1. POWER-ON RESET CIRCUIT
INTR
10
I
Interrupt Request: Is used as a general purpose interrupt. It is sampled only during the next to
the last clock cycle of an instruction and during Hold and Halt states. If it is active, the Program
Counter (PC) will be inhibited from incrementing and an INTA will be issued. During this cycle a
RESTART or CALL instruction can be inserted to jump to the interrupt service routine. The INTR
is enabled and disabled by software. It is disabled by Reset and immediately after an interrupt is
accepted.
INTA
11
O
Interrupt Acknowledge: Is used instead of (and has the same timing as) RD during the Instruc-
tion cycle after an INTR is accepted. It can be used to activate an 8259A Interrupt chip or some
other interrupt port.
RST 5.5
RST 6.5
RST 7.5
9
8
7
I
Restart Interrupts: These three inputs have the same timing as INTR except they cause an
internal RESTART to be automatically inserted.
The priority of these interrupts is ordered as shown in Table 6. These interrupts have a higher
priority than INTR. In addition, they may be individually masked out using the SIM instruction.
TRAP
6
I
Trap: Trap interrupt is a non-maskable RESTART interrupt. It is recognized at the same time as
INTR or RST 5.5-7.5. It is unaffected by any mask or Interrupt Enable. It has the highest priority
of any interrupt. (See Table 6.)
RESET IN
36
I
Reset In: Sets the Program Counter to zero and resets the Interrupt Enable and HLDA flip-flops.
The data and address buses and the control lines are 3-stated during RESET and because of
the asynchronous nature of RESET the processor’s internal registers and flags may be altered
by RESET with unpredictable results. RESET IN is a Schmitt-triggered input, allowing connec-
tion to an R-C network for power-on RESET delay (see Figure 1). Upon power-up, RESET IN
must remain low for at least 10 “clock cycle” after minimum VDD has been reached. For proper
reset operation after the power-up duration, RESET IN should be kept low a minimum of three
clock periods. The CPU is held in the reset condition as long as RESET IN is applied.
RESET OUT
3
O
Reset Out: Reset Out indicates cpu is being reset. Can be used as a system reset. The signal
is synchronized to the processor clock and lasts an integral number of clock periods.
X1
X2
1
2
I
O
X1 and X2: Are connected to a crystal, LC, or RC network to drive the internal clock generator.
X, can also be an external clock Input from a logic gate. The input frequency is divided by 2 to
give the processor’s internal operating frequency.
CLK
37
O
Clock: Clock output for use as a system clock. The period of CLK is twice the X1, X2 input
period.
SID
5
I
Serial Input Data Line: The data on this line is loaded into accumulator bit 7 whenever a RIM
instruction is executed.
SOD
4
O
Serial Output Data Line: The output SOD is set or reset as specified by the SlM instruction.
VCC
40
I
Power: +5V supply.
GND
20
I
Ground: Reference.
Pin Description (Continued)
SYMBOL
PIN
NUMBER
TYPE
DESCRIPTION
R1
VDD
RESET IN
C1
TYPICAL POWER-ON RESET RC VALUES
R1 = 75K
C1 = 1
µF
Values may have to vary due to applied power supply ramp up time.
Spec Number
518054


Similar Part No. - HS-80C85RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-80C85RH INTERSIL-HS-80C85RH Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
More results

Similar Description - HS-80C85RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
   Radiation Hardened 16-Bit CMOS Microprocessor
HS-3374RH INTERSIL-HS-3374RH_00 Datasheet
513Kb / 3P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HS-3374RH INTERSIL-HS-3374RH Datasheet
38Kb / 6P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HS-83C55RH INTERSIL-HS-83C55RH Datasheet
708Kb / 12P
   Radiation Hardened 16K Bit CMOS ROM
HS-82C08RH INTERSIL-HS-82C08RH Datasheet
44Kb / 6P
   Radiation Hardened 8-Bit Bus Transceiver
ACS521MS INTERSIL-ACS521MS Datasheet
104Kb / 3P
   Radiation Hardened 8-Bit Magnitude Comparator
January 1996
HS-82C08RH INTERSIL-HS-82C08RH_00 Datasheet
57Kb / 4P
   Radiation Hardened 8-Bit Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com