Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-6617RH-Q Datasheet(PDF) 10 Page - Intersil Corporation

Part # HS9-6617RH-Q
Description  Radiation Hardened 2K x 8 CMOS PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-6617RH-Q Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HS9-6617RH-Q Datasheet HTML 6Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 7Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 8Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 9Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 10Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 11Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 12Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 13Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
HS-6617RH
Metallization Topology
DIE DIMENSIONS:
164 x 250 x 19
±1mils
METALLIZATION:
Type: Silicon-Aluminum
Thickness: 13k
Å
± 2kÅ
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å
± 1kÅ
WORST CASE CURRENT DENSITY:
1 x 105 A/cm2
SUBSTRATE POTENTIAL: VDD
Metallization Mask Layout
HS-6617RH
A2 (6)
A1 (7)
A0 (8)
(20) G
(19) A10
(18) E
Spec Number
518742


Similar Part No. - HS9-6617RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-6617RH-Q INTERSIL-HS9-6617RH-Q Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
More results

Similar Description - HS9-6617RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
logo
Aeroflex Circuit Techno...
UT28F256 AEROFLEX-UT28F256 Datasheet
69Kb / 11P
   Radiation-Hardened 32K x 8 PROM
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617 Datasheet
91Kb / 7P
   2K x 8 CMOS PROM
HM-6617 INTERSIL-HM-6617_04 Datasheet
162Kb / 7P
   2K x 8 CMOS PROM
HS-6664RH INTERSIL-HS-6664RH Datasheet
258Kb / 5P
   Radiation Hardened 8kx8 CMOS PROM
logo
STMicroelectronics
WS57C45-1 STMICROELECTRONICS-WS57C45-1 Datasheet
16Kb / 2P
   MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C191C STMICROELECTRONICS-WS57C191C Datasheet
54Kb / 7P
   HIGH SPEED 2K x 8 CMOS PROM/RPROM
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com