Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7736BVQ Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK7736BVQ
Description  Audio/HF DSP with 2Ch SRC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7736BVQ Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK7736BVQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK7736BVQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK7736BVQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK7736BVQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK7736BVQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK7736BVQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK7736BVQ Datasheet HTML 11Page - Asahi Kasei Microsystems AK7736BVQ Datasheet HTML 12Page - Asahi Kasei Microsystems AK7736BVQ Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
[AK7736B]
MS1562-E-00-PB
2013/10
- 9 -
8. Electrical Characteristics
SRC Characteristics
1) SRC
(Ta= -40°C to 85°C; TVDD=1.8V, VDD=3.3V; VSS=0V; data = 24bit; measurement bandwidth = 20Hz~FSO/2;
unless otherwise specified.)
Parameter
Symbol
min
typ
max
Unit
Resolution
24
Bits
Input Sample Rate
FSI
8
96
kHz
Output Sample Rate
FSO
8
96
kHz
THD+N
(Input= 1kHz, 0dBFS)
FSO/FSI=44.1kHz/48kHz
FSO/FSI=44.1kHz/96kHz
FSO/FSI=48kHz/44.1kHz
FSO/FSI=48kHz/96kHz
FSO/FSI=48kHz/8kHz
FSO/FSI=16kHz/48kHz
FSO/FSI=16kHz/44.1kHz
FSO/FSI=8kHz/48kHz
FSO/FSI=8kHz/44.1kHz
-112
-111
-112
-113
-111
-113
-100
-113
-95
-103
dB
dB
dB
dB
dB
dB
dB
dB
dB
Dynamic Range (Input= 1kHz, -60dBFS)
FSO/FSI=44.1kHz/48kHz
FSO/FSI=44.1kHz/96kHz
FSO/FSI=48kHz/44.1kHz
FSO/FSI=48kHz/96kHz
FSO/FSI=48kHz/8kHz
FSO/FSI=16kHz/48kHz
FSO/FSI=16kHz/44.1kHz
FSO/FSI=8kHz/48kHz
FSO/FSI=8kHz/44.1kHz
Dynamic Range (Input= 1kHz, -60dBFS, A-weighted)
FSO/FSI=44.1kHz/48kHz
108
113
113
113
113
113
113
113
111
114
115
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
Ratio between Input and Output Sample Rate
FSO/FSI
0.167
6
-
2) FSCONV
(Ta= -40°C to 85°C; TVDD=1.8V, VDD=3.3V; VSS=0V; data = 24bit; measurement bandwidth = 20Hz~FSO/2;
unless otherwise specified.)
Parameter
Symbol
min
typ
max
Unit
Resolution
24
Bits
Input Sample Rate
FSI
44.1
48
kHz
Output Sample Rate
FSO
8
16
kHz
THD+N
(Input= 1kHz, 0dBFS)
FSO/FSI=16kHz/48kHz
FSO/FSI=16kHz/44.1kHz
FSO/FSI=8kHz/48kHz
FSO/FSI=8kHz/44.1kHz
-114
-95
-115
-97
dB
dB
dB
dB
Dynamic Range (Input= 1kHz, -60dBFS)
FSO/FSI=16kHz/48kHz
FSO/FSI=16kHz/44.1kHz
FSO/FSI=8kHz/48kHz
FSO/FSI=8kHz/44.1kHz
Dynamic Range (Input= 1kHz, -60dBFS, A-weighted)
FSO/FSI=8kHz/48kHz
114
114
114
114
117
dB
dB
dB
dB
dB
Ratio between Input and Output Sample Rate
FSO/FSI
0.167
0.363
-
Note 6. Input signal frequency bandwidth of FSCONV must be attenuated more than 4kHz when the output
sampling rate is 8kHz, or must be attenuated more than 8kHz when the output sampling rate is
16kHz.


Similar Part No. - AK7736BVQ

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK7736BVQ HUAXINAN-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP
More results

Similar Description - AK7736BVQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7736B AKM-AK7736B Datasheet
1Mb / 22P
   Audio/HF DSP with 2Ch SRC
AK7736AVQ AKM-AK7736AVQ Datasheet
784Kb / 21P
   2Ch SRC ?낁뵷 Audio/HF DSP
logo
HuaXinAn Electronics CO...
AK7736BVQ HUAXINAN-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP
logo
Asahi Kasei Microsystem...
AK7734 AKM-AK7734 Datasheet
470Kb / 24P
   Audio DSP with 2-Channel ADC/SRC
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7780 AKM-AK7780 Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
   Multi Core DSP with SRC
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
   Multi Core DSP with SRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com