Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8160B2 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK8160B2
Description  Low Power & Low Jitter Clock Generator for PCI Express
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8160B2 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK8160B2 Datasheet HTML 1Page - Asahi Kasei Microsystems AK8160B2 Datasheet HTML 2Page - Asahi Kasei Microsystems AK8160B2 Datasheet HTML 3Page - Asahi Kasei Microsystems AK8160B2 Datasheet HTML 4Page - Asahi Kasei Microsystems AK8160B2 Datasheet HTML 5Page - Asahi Kasei Microsystems AK8160B2 Datasheet HTML 6Page - Asahi Kasei Microsystems AK8160B2 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8160B2 Datasheet HTML 8Page - Asahi Kasei Microsystems AK8160B2 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
[AK8160B2]
014003469-E-00
2014/06
- 1 -
1. General Description
The AK8160B2 is a member of AKM’s low power and low jitter clock generator family designed for PCI
Express generation 2.0. This device has one PLL with spread spectrum (SS) function and enables to output
high quality differential 100MHz as PCI Express clock and 25MHz as reference simultaneously.
2. Features
Low Current Consumption
31mA Typ. (Full function, 25MHz output and 100MHz output)
25MHz Crystal Input or External Clock Input
One single-end 25MHz-Reference Output without Spread Spectrum
Two differential 100MHz Clock Outputs with Spread Spectrum
Selectable Spread Spectrum ON / OFF
Spread Spectrum Modulation ratio
0% (Off), -0.5%
Spread Spectrum Modulation frequency
30kHz to 33kHz
Low Jitter Performance of 100MHz Output Clock
RMS Jitter: 2.6ps Max. (PCIE0p-1p/0n-1n pin, BW=10kHz – 1.5MHz)
2.6ps Max. (PCIE0p-1p/0n-1n pin, BW=1.5MHz – 50MHz)
Cycle to Cycle Jitter: 125ps Max. (PCIE0p-1p/0n-1n pin)
23ps Typ. (1σ), (REFOUT pin)
Supply Voltage
3.0V – 3.6V
Operating Temperature Range
-40C to +85C
Package
0.4mm pitch 3mm x 3mm 20-pin QFN (Lead free)
Application
- DSLR : Digital Single-Lens Reflex camera
- Network apparatus, Server, Datacenter
- MFP : Multi-Function Printer
- Game
Low Power & Low Jitter Clock Generator for PCI Express
AK8160B2


Similar Part No. - AK8160B2

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8160B AKM-AK8160B Datasheet
528Kb / 14P
   Multi Clock Generator IC
logo
HuaXinAn Electronics CO...
AK8160BV HUAXINAN-AK8160BV Datasheet
345Kb / 16P
   Low Power & Low Jitter Clock Generator for PCI Express
logo
Asahi Kasei Microsystem...
AK8160BV2 AKM-AK8160BV2 Datasheet
351Kb / 16P
   Low Power & Low Jitter Clock Generator for PCI Express
More results

Similar Description - AK8160B2

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8160BV2 AKM-AK8160BV2 Datasheet
351Kb / 16P
   Low Power & Low Jitter Clock Generator for PCI Express
logo
HuaXinAn Electronics CO...
AK8160BV HUAXINAN-AK8160BV Datasheet
345Kb / 16P
   Low Power & Low Jitter Clock Generator for PCI Express
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28517 CYPRESS-CY28517 Datasheet
304Kb / 12P
   PCI Express Clock Generator
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC02 SPECTRALINEAR-CY28SRC02 Datasheet
95Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28SRC04 CYPRESS-CY28SRC04 Datasheet
162Kb / 10P
   PCI-Express Clock Generator
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com