Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8160B2 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK8160B2
Description  Low Power & Low Jitter Clock Generator for PCI Express
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8160B2 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK8160B2 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8160B2 Datasheet HTML 8Page - Asahi Kasei Microsystems AK8160B2 Datasheet HTML 9Page - Asahi Kasei Microsystems AK8160B2 Datasheet HTML 10Page - Asahi Kasei Microsystems AK8160B2 Datasheet HTML 11Page - Asahi Kasei Microsystems AK8160B2 Datasheet HTML 12Page - Asahi Kasei Microsystems AK8160B2 Datasheet HTML 13Page - Asahi Kasei Microsystems AK8160B2 Datasheet HTML 14Page - Asahi Kasei Microsystems AK8160B2 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
[AK8160B2]
014003469-E-00
2014/06
- 11 -
Tslew_delta (%) = 100 * 2 * (Tr - Tf) / (Tr + Tf)
Figure 7. Definition of Time Matching of Output Rising and Falling
Toutdc (%) = 100 * Thigh / Tperiod
Figure 8. Definition of Output Duty Cycle
Figure 9. Definition of Output Ring Back Voltage Margin
PCIE0/1p
PCIE0/1n
Vcross_median
+75mV
Vcross_median
-75mV
Tf
Tr
Vcross_median
Ring Back
Differential (PCIE0/1p)-(PCIE0/1n)
Ring Back
Vrb_max=100mV
Vrb_min=-100mV
Prohibited Ring Back Voltage Range
Thigh
0.0V
Tperiod
Differential (PCIE0/1p)-(PCIE0/1n)


Similar Part No. - AK8160B2

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8160B AKM-AK8160B Datasheet
528Kb / 14P
   Multi Clock Generator IC
logo
HuaXinAn Electronics CO...
AK8160BV HUAXINAN-AK8160BV Datasheet
345Kb / 16P
   Low Power & Low Jitter Clock Generator for PCI Express
logo
Asahi Kasei Microsystem...
AK8160BV2 AKM-AK8160BV2 Datasheet
351Kb / 16P
   Low Power & Low Jitter Clock Generator for PCI Express
More results

Similar Description - AK8160B2

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8160BV2 AKM-AK8160BV2 Datasheet
351Kb / 16P
   Low Power & Low Jitter Clock Generator for PCI Express
logo
HuaXinAn Electronics CO...
AK8160BV HUAXINAN-AK8160BV Datasheet
345Kb / 16P
   Low Power & Low Jitter Clock Generator for PCI Express
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28517 CYPRESS-CY28517 Datasheet
304Kb / 12P
   PCI Express Clock Generator
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC02 SPECTRALINEAR-CY28SRC02 Datasheet
95Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28SRC04 CYPRESS-CY28SRC04 Datasheet
162Kb / 10P
   PCI-Express Clock Generator
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com