Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-390RH883S Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS9-390RH883S
Description  Radiation Hardened CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-390RH883S Datasheet(HTML) 2 Page - Intersil Corporation

  HS9-390RH883S Datasheet HTML 1Page - Intersil Corporation HS9-390RH883S Datasheet HTML 2Page - Intersil Corporation HS9-390RH883S Datasheet HTML 3Page - Intersil Corporation HS9-390RH883S Datasheet HTML 4Page - Intersil Corporation HS9-390RH883S Datasheet HTML 5Page - Intersil Corporation HS9-390RH883S Datasheet HTML 6Page - Intersil Corporation HS9-390RH883S Datasheet HTML 7Page - Intersil Corporation HS9-390RH883S Datasheet HTML 8Page - Intersil Corporation HS9-390RH883S Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
HS-3XXRH/883S
HS1-306RH/Sample (Note 1)
+25oC
Sample
14 Lead SBDIP
HS9-306RH/Sample (Note 1)
+25oC
Sample
14 Lead Ceramic Flatpack
HS1-307RH/883S
-55oC to +125oC
Intersil /883 Class S Equivalent
14 Lead SBDIP
HS9-307RH/883S
-55oC to +125oC
Intersil /883 Class S Equivalent
14 Lead Ceramic Flatpack
HS1-307RH/Sample
+25oC
Sample
14 Lead SBDIP
HS9-307RH/Sample
+25oC
Sample
14 Lead Ceramic Flatpack
HS1-384RH/883S (Note 1)
-55oC to +125oC
Intersil /883 Class S Equivalent
16 Lead SBDIP
HS9-384RH/883S (Note 1)
-55oC to +125oC
Intersil /883 Class S Equivalent
16 Lead Ceramic Flatpack
HS1-384RH/Sample (Note 1)
+25oC
Sample
16 Lead SBDIP
HS9-384RH/Sample (Note 1)
+25oC
Sample
16 Lead Ceramic Flatpack
HS1-390RH/883S
-55oC to +125oC
Intersil /883 Class S Equivalent
16 Lead SBDIP
HS9-390RH/883S
-55oC to +125oC
Intersil /883 Class S Equivalent
16 Lead Ceramic Flatpack
HS1-390RH/Sample
+25oC
Sample
16 Lead SBDIP
HS9-390RH/Sample
+25oC
Sample
16 Lead Ceramic Flatpack
NOTE:
1. Not recommended for new design.
Pinouts (Switch States are for Logic “1” Inputs)
14 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T14
TOP VIEW
16 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T16
TOP VIEW
DUAL DPST
HS-302RH/883S
HS-306RH/883S
DUAL SPDT
HS-303RH/883S
HS-307RH/883S
DUAL DPST
HS-384RH/883S
DUAL SPDT
HS-390RH/883S
Ordering Information (Continued)
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
NC
GND
V+
V-
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IN1
S3
D3
D1
S4
D4
D2
IN2
S2
S1
LOGIC
SWITCH
1 - 4
0
OFF
1ON
NC
GND
V+
V-
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IN1
S3
D3
D1
S4
D4
D2
IN2
S2
S1
LOGIC
SW1
SW2
SW3
SW4
0
OFF
ON
1
ON
OFF
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
NC
NC
V-
GND
NC
V+
D1
D3
S3
S1
IN1
S4
D4
D2
IN2
S2
LOGIC
SWITCH
1 - 4
0
OFF
1ON
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
NC
NC
V-
GND
NC
V+
D1
D3
S3
S1
IN1
S4
D4
D2
IN2
S2
LOGIC
SW1
SW2
SW3
SW4
0
OFF
ON
1
ON
OFF
Spec Number
518526


Similar Part No. - HS9-390RH883S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-390RH-T INTERSIL-HS9-390RH-T Datasheet
26Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
More results

Similar Description - HS9-390RH883S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-303ARH INTERSIL-HS-303ARH Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-303ARH RENESAS-HS-303ARH Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
logo
Intersil Corporation
HS-303RH-T INTERSIL-HS-303RH-T Datasheet
25Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-302RH-T INTERSIL-HS-302RH-T Datasheet
26Kb / 2P
   Radiation Hardened CMOS Dual DPST Analog Switch
HS-303ARH INTERSIL-HS-303ARH_12 Datasheet
201Kb / 5P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-390RH-T INTERSIL-HS-390RH-T Datasheet
26Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH INTERSIL-HS-303RH Datasheet
491Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-302EH INTERSIL-HS-302EH Datasheet
148Kb / 3P
   Radiation Hardened CMOS Dual DPST Analog Switch
logo
Renesas Technology Corp
HS-302RH RENESAS-HS-302RH Datasheet
297Kb / 5P
   Radiation Hardened CMOS Dual DPST Analog Switch
July 31, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com