Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1651BEL Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AP1651BEL
Description  Dimmable LED driver IC for Lighting
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1651BEL Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AP1651BEL Datasheet HTML 1Page - Asahi Kasei Microsystems AP1651BEL Datasheet HTML 2Page - Asahi Kasei Microsystems AP1651BEL Datasheet HTML 3Page - Asahi Kasei Microsystems AP1651BEL Datasheet HTML 4Page - Asahi Kasei Microsystems AP1651BEL Datasheet HTML 5Page - Asahi Kasei Microsystems AP1651BEL Datasheet HTML 6Page - Asahi Kasei Microsystems AP1651BEL Datasheet HTML 7Page - Asahi Kasei Microsystems AP1651BEL Datasheet HTML 8Page - Asahi Kasei Microsystems AP1651BEL Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
[AP1651BEL]
014003479-E-01
2014/10
- 1 -
1.
Genaral Description
The AP1651BEL (hereinafter referred to as the AP1651) is a current mode non-isolated low side buck
converter controller IC designed to support an LED general lighting application as a second stage (e.g. after
PFC stage). This IC provides "constant ripple control ", featuring the constant peak and bottom current of the
inductor which is sensed through low side sense resistors. This control scheme does not depend on either the
varying input voltage or the varying forward voltage of the LEDs, allowing the LED current to be obtained
with high stability.
The AP1651 supports two types of dimming; PWM dimming by pulse input and complex dimming by DC
input. Deep dimming down to 1% is achievable by using DC dimming. In addition, the DC dimming has an
even deeper dimming function by using an internal linear regulator for the LEDs. This "ultra-dimming"
which is supported from 500µA to 100µA is able to provide a new night light application.
This IC provides several protection function; over current protection, UVLO, and thermal shutdown for the
IC chip.
2.
Features
Low-side Switching Step-down Converter
Current mode
- Continuous Conduction Mode (CCM)
- Linear Regulator Mode (Automatic Mode Selection)
Operating Voltage Range
VDD = 11V to 26V
http://akm.transim.com/
Operating Temperature
Ta = - 40 to 105 °C
Dimming function
- External DC input (Complex Dimming 100% to 1% and Ultra-low current to 0%)
- Voltage Input of External Pulse (Dimming by PWM)
Protection function:
- Over Current Protection for External N-channel Power MOSFET
- Under Voltage Lockout Function (UVLO)
- CS pin Open Protection
- Thermal Shutdown (TSD)
Package
14-pin SOP
Dimmable LED driver IC for Lighting
AP1651BEL


Similar Part No. - AP1651BEL

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1653AEM AKM-AP1653AEM Datasheet
917Kb / 20P
   PFC竊땉onstant current LED Driver IC
More results

Similar Description - AP1651BEL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
logo
Cypress Semiconductor
MB39C605 CYPRESS-MB39C605 Datasheet
1Mb / 26P
   Phase Dimmable PSR LED Driver IC for LED Lighting
logo
Cirrus Logic
CS1680 CIRRUS-CS1680 Datasheet
644Kb / 16P
   Dimmable LED Driver IC for Low-voltage Lighting
logo
Cypress Semiconductor
MB39C603 CYPRESS-MB39C603 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
   SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2101 PHILIPS-SSL2101_11 Datasheet
160Kb / 23P
   Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
logo
ADTech
ADT6051 ADTECH-ADT6051 Datasheet
269Kb / 4P
   Dimmable CC / CV IC for LED Lighting
logo
NXP Semiconductors
SSL2103 NXP-SSL2103 Datasheet
414Kb / 21P
   SMPS controller IC for dimmable LED lighting
Rev. 2-25 November 2010
logo
Sanyo Semicon Device
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
   LED Driver IC for LED Lighting
logo
Rohm
BD550FHG ROHM-BD550FHG Datasheet
919Kb / 21P
   AC/DC Controller IC for non-dimmable LED lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com