Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4400A Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AP4400A
Description  Ultra Low Power Voltage Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4400A Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AP4400A Datasheet HTML 2Page - Asahi Kasei Microsystems AP4400A Datasheet HTML 3Page - Asahi Kasei Microsystems AP4400A Datasheet HTML 4Page - Asahi Kasei Microsystems AP4400A Datasheet HTML 5Page - Asahi Kasei Microsystems AP4400A Datasheet HTML 6Page - Asahi Kasei Microsystems AP4400A Datasheet HTML 7Page - Asahi Kasei Microsystems AP4400A Datasheet HTML 8Page - Asahi Kasei Microsystems AP4400A Datasheet HTML 9Page - Asahi Kasei Microsystems AP4400A Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
[AP4400A]
MS1649-E-02
- 6 -
2015/03
9. Electrical Characteristics
Ta = 25C, DETOUT = open, unless otherwise specified.
Parameter
Symbol
min
typ
max
Unit
Condition
Detecting voltage
(
Note 4)
“H” Level voltage
“L” Level voltage
VVDETH
VVDETL
3.2
1.9
3.3
2.0
3.4
2.1
V
V
VVDDIN = “L”→”H”
VVDDIN = “H”→”L”
Detection voltage
temperature coefficient
ΔV
DET/ΔTa
-
0.75
-
mV/C Ta=-15 ~85°C
Consumption current
(
Note 5)
In
VVDDIN Rising
In
VVDDIN Falling
IDDH
IDDL
-
-
20
20
50
50
nA
nA
VVDDIN = VVDETH+0.1V
VVDDIN = VVDETL -0.1V
Level “L” output current
(
Note 6)
IOL
0.2
-
-
mA
VVDDIN = VVDETL -0.1V,
VVDDIN - VDETOUT =0.5V
Level “H” output current
(
Note 6)
IOH1
0.15
-
-
mA
VVDDIN = VVDETH +0.1V,
VDETOUT - VVSS =0.5V
Minimum operating
voltage
(
Note 7)
VOPL
-
0.4
0.8
V
Output response (
Note 4)
tPLH
tPHL
-
-
0.12
25
0.25
40
ms
ms
VVDDIN =
VVDETH -0.1V→VVDETH +0.1V
VVDDIN =
VVDETL +0.1V→VVDETL -0.1V
Note 4. Example of detecting voltage. When ordering the product, specify the voltage. The voltage can be set in
the range between 1.8 and 4.2 V in units of 0.1 V by taking into account the hysteresis voltage.
Note 5. It does not include the current for the output drive.
Note 6. Since the output current depends on VVDDIN, adequate evaluation including the temperature
characteristics are necessary.
Note 7. It indicates the lowest Power Voltage value in case of detected output voltage is less than 0.4V.


Similar Part No. - AP4400A

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP4400A HUAXINAN-AP4400A Datasheet
493Kb / 12P
   Ultra Low Power Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400AEC AKM-AP4400AEC Datasheet
363Kb / 11P
   Ultra Low Power Voltage Detector
More results

Similar Description - AP4400A

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6680 SSC-SS6680 Datasheet
570Kb / 10P
   Ultra Low Power Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400AEC AKM-AP4400AEC Datasheet
363Kb / 11P
   Ultra Low Power Voltage Detector
logo
HuaXinAn Electronics CO...
AP4400A HUAXINAN-AP4400A Datasheet
493Kb / 12P
   Ultra Low Power Voltage Detector
logo
Analog Intergrations Co...
AIC1680 AIC-AIC1680 Datasheet
291Kb / 9P
   Ultra Low Power Voltage Detector
logo
Asahi Kasei Microsystem...
AP4410BEC AKM-AP4410BEC Datasheet
576Kb / 11P
   Ultra Low Power Dual Voltage Detector
logo
Torex Semiconductor
XC6136 TOREX-XC6136 Datasheet
519Kb / 23P
   Ultra-Low Power (88nA) Voltage Detector
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
   Ultra Small, Low Power Consumption Voltage Detector
logo
E-CMOS Corporation
EC95808 E-CMOS-EC95808 Datasheet
573Kb / 14P
   Ultra-Low Quiescent Current Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com