Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-82C85RH-Q Datasheet(PDF) 8 Page - Intersil Corporation

Part # HS1-82C85RH-Q
Description  Radiation Hardened CMOS Static Clock Controller/Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-82C85RH-Q Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HS1-82C85RH-Q Datasheet HTML 4Page - Intersil Corporation HS1-82C85RH-Q Datasheet HTML 5Page - Intersil Corporation HS1-82C85RH-Q Datasheet HTML 6Page - Intersil Corporation HS1-82C85RH-Q Datasheet HTML 7Page - Intersil Corporation HS1-82C85RH-Q Datasheet HTML 8Page - Intersil Corporation HS1-82C85RH-Q Datasheet HTML 9Page - Intersil Corporation HS1-82C85RH-Q Datasheet HTML 10Page - Intersil Corporation HS1-82C85RH-Q Datasheet HTML 11Page - Intersil Corporation HS1-82C85RH-Q Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FIGURE 8. RESET TIMING OSCILLATOR STOPPED (F/C LOW)
NOTE: CLK, CLK50, PCLK remain in the high state until RES goes high and 8192 valid oscillator cycles have been registered by the HS-82C85RH
internal counter tOST time period). After RES goes high and CLK, CLK50, PCLK become active, the RESET output will remain high for a minimum
of 16 CLK cycles (tRST).
FIGURE 9. SLO/FST TIMING OVERVIEW
FIGURE 10. FAST TO SLOW CLOCK MODE TRANSITION
NOTE: If tSFPC is not met on one edge of PCLK, SLO/FST will be recognized on the next edge of PCLK.
Waveforms (Continued)
RES
CLK
RESET
tRST
tCLIL
8192
CYCLES
OSC
STARTUP
TIME
tOST
OSC
tSHSL
EFI OR OSC
PCLK
SLO/FST
CLK
CLK50
EFI OR OSC
PCLK
SLO/FST
CLK
CLK50
tSFPC
tSFPC (NOTE)
195 EFI OR OSC CYCLES
(NOTE)
HS-82C85RH


Similar Part No. - HS1-82C85RH-Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS1-82C85RH-Q RENESAS-HS1-82C85RH-Q Datasheet
549Kb / 18P
   Radiation Hardened CMOS Static Clock Controller/Generator
Apr 6, 2012
More results

Similar Description - HS1-82C85RH-Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS-82C85RH RENESAS-HS-82C85RH Datasheet
549Kb / 18P
   Radiation Hardened CMOS Static Clock Controller/Generator
Apr 6, 2012
logo
Intersil Corporation
HS-82C85RH INTERSIL-HS-82C85RH_07 Datasheet
381Kb / 18P
   Radiation Hardened CMOS Static Clock Controller/Generator
82C85 INTERSIL-82C85 Datasheet
363Kb / 21P
   CMOS Static Clock Controller/Generator
logo
Renesas Technology Corp
82C85 RENESAS-82C85 Datasheet
978Kb / 21P
   CMOS Static Clock Controller/Generator
March 1997
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
logo
Harris Corporation
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
HS-302RH INTERSIL-HS-302RH Datasheet
104Kb / 16P
   Radiation Hardened CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com