Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-82C12RH Datasheet(PDF) 4 Page - Intersil Corporation

Part # HS9-82C12RH
Description  Radiation Hardened 8-Bit Input/Output Port
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-82C12RH Datasheet(HTML) 4 Page - Intersil Corporation

  HS9-82C12RH Datasheet HTML 1Page - Intersil Corporation HS9-82C12RH Datasheet HTML 2Page - Intersil Corporation HS9-82C12RH Datasheet HTML 3Page - Intersil Corporation HS9-82C12RH Datasheet HTML 4Page - Intersil Corporation HS9-82C12RH Datasheet HTML 5Page - Intersil Corporation HS9-82C12RH Datasheet HTML 6Page - Intersil Corporation HS9-82C12RH Datasheet HTML 7Page - Intersil Corporation HS9-82C12RH Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Specifications HS-82C12RH
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Capacitance
CIN
VDD = Open, f = 1MHz, All
measurements referenced to
device ground
TA = +25
oC-
8
pF
Output Capacitance
COUT
VDD = Open, f = 1MHz, All
measurements referenced to
device ground
TA = +25
oC-
8
pF
Pulse Width
TPW
VDD = 4.75, VIH = 3.75, VIL = 1.0
9, 10, 11
-55oC, +25oC,
+125oC
-50
ns
Data Set Up Time
TSET
VDD = 4.75, VIH = 3.75, VIL = 1.0
9, 10, 11
-55oC, +25oC,
+125oC
-30
ns
Data Hold Time
TH
VDD = 4.75, VIH = 3.75, VIL = 1.0
9, 10, 11
-55oC, +25oC,
+125oC
-40
ns
NOTE: The parameters listed in Table 3 are controlled via design or process parameters and are not directly tested. These parameters are
characterized upon initial design release and upon design changes which would affect these characteristics.
TABLE 4. POST 100K RAD ELECTRICAL PERFORMANCE CHARACTERISTICS
NOTE:
The Post Irradiation test conditions and limits are the same as those listed in Table 1 and Table 2.
Spec Number
518063


Similar Part No. - HS9-82C12RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-82C12RH-8 INTERSIL-HS9-82C12RH-8 Datasheet
67Kb / 6P
   Radiation Hardened 8-Bit Input/Output Port
HS9-82C12RH-Q INTERSIL-HS9-82C12RH-Q Datasheet
67Kb / 6P
   Radiation Hardened 8-Bit Input/Output Port
More results

Similar Description - HS9-82C12RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C12RH INTERSIL-HS-82C12RH_00 Datasheet
67Kb / 6P
   Radiation Hardened 8-Bit Input/Output Port
HCS166MS INTERSIL-HCS166MS Datasheet
227Kb / 9P
   Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
logo
Renesas Technology Corp
HCS166MS RENESAS-HCS166MS Datasheet
447Kb / 9P
   Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
logo
Intersil Corporation
HCS195MS INTERSIL-HCS195MS Datasheet
229Kb / 9P
   Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
logo
Renesas Technology Corp
HCS165MS RENESAS-HCS165MS Datasheet
410Kb / 9P
   Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
logo
Intersil Corporation
HCS151MS INTERSIL-HCS151MS Datasheet
175Kb / 9P
   Radiation Hardened 8-Input Multiplexer
September 1995
logo
Renesas Technology Corp
HCS151MS RENESAS-HCS151MS Datasheet
419Kb / 9P
   Radiation Hardened 8-Input Multiplexer
September 1995
logo
Intersil Corporation
ACS151MS INTERSIL-ACS151MS Datasheet
48Kb / 2P
   Radiation Hardened 8-Input Multiplexer
November 1997
HCS165MS INTERSIL-HCS165MS Datasheet
225Kb / 9P
   Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
ACS30MS INTERSIL-ACS30MS Datasheet
38Kb / 2P
   Radiation Hardened 8-Input NAND Gate
July 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com