Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-82C54RH-Q Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS9-82C54RH-Q
Description  Radiation Hardened CMOS Programmable Interval Timer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-82C54RH-Q Datasheet(HTML) 2 Page - Intersil Corporation

  HS9-82C54RH-Q Datasheet HTML 1Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 2Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 3Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 4Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 5Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 6Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 7Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 8Page - Intersil Corporation HS9-82C54RH-Q Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
949
HS-82C54RH
Pin Description
SYMBOL
PIN
NUMBER
TYPE
DESCRIPTION
D7-D0
1-8
I/O
DATA: Bi-directional three state data bus lines, connected to system data bus.
CLK 0
9
I
CLOCK 0: Clock input of Counter 0.
OUT 0
10
O
OUT 0: Output of Counter 0.
GATE 0
11
I
GATE 0: Gate input of Counter 0.
GND
12
GROUND: Power supply connection.
OUT 1
13
O
OUT 1: Output of Counter 1.
GATE 1
14
I
GATE 1: Gate input of Counter 1.
CLK 1
15
I
CLOCK 1: Clock input of Counter 1.
GATE 2
16
I
GATE 2: Gate input of Counter 2.
OUT 2
17
O
OUT 2: Output of Counter 2.
CLK 2
18
I
CLOCK 2: Clock input of Counter 2.
A0, A1
19-20
I
ADDRESS: Select inputs for one of the three counters or Control Word Register for read/write
operations. Normally connected to the system address bus.
A1
A0
Selects
0
0
Counter 0
0
1
Counter 1
1
0
Counter 2
1
1
Control Word Register
CS
21
I
CHIP SELECT: A low on this input enables the HS-82C54RH to respond to RD and WR signals.
RD and WR are ignored otherwise.
RD
22
I
READ: This input is low during CPU read operations.
WR
23
I
WRITE: This input is low during CPU write operations.
VDD
24
VDD: The +5V power supply pin. A 0.1
µF capacitor between pins 12 and 24 is recommended
for decoupling.
Functional Diagram
(8)
DATA
BUS
BUFFER
READ/
WRITE
LOGIC
CONTROL
WORD
REGISTER
D7-D0
RD
WR
A0
A1
CS
COUNTER
1
COUNTER
0
COUNTER
2
OUT 1
GATE 1
CLK 1
OUT 0
GATE 0
CLK 0
OUT 2
GATE 2
CLK 2
CONTROL
WORD
REGISTER
STATUS
LATCH
STATUS
REGISTER
CONTROL
LOGIC
OUT N
GATE N
CLK N
CRM
CRL
OLM
OLL
CE
INTERNAL BUS
Spec Number
518059


Similar Part No. - HS9-82C54RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-82C54RH-8 INTERSIL-HS9-82C54RH-8 Datasheet
203Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
logo
Renesas Technology Corp
HS9-82C54RH-8 RENESAS-HS9-82C54RH-8 Datasheet
948Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
Aug 2000
More results

Similar Description - HS9-82C54RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
logo
Renesas Technology Corp
HS-82C54RH RENESAS-HS-82C54RH Datasheet
948Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
Aug 2000
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
logo
Intersil Corporation
82C54 INTERSIL-82C54 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
logo
OKI electronic componet...
MSM82C53-2RS OKI-MSM82C53-2RS Datasheet
149Kb / 19P
   CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C54-2RS OKI-MSM82C54-2RS Datasheet
161Kb / 23P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Mitsubishi Electric Sem...
M5M82C54P MITSUBISHI-M5M82C54P Datasheet
916Kb / 11P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Toshiba Semiconductor
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
   PROGRAMMABLE INTERVAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com