Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS8-RTX2010RH-8 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HS8-RTX2010RH-8
Description  Radiation Hardened Real Time Express??Microcontroller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS8-RTX2010RH-8 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HS8-RTX2010RH-8 Datasheet HTML 6Page - Intersil Corporation HS8-RTX2010RH-8 Datasheet HTML 7Page - Intersil Corporation HS8-RTX2010RH-8 Datasheet HTML 8Page - Intersil Corporation HS8-RTX2010RH-8 Datasheet HTML 9Page - Intersil Corporation HS8-RTX2010RH-8 Datasheet HTML 10Page - Intersil Corporation HS8-RTX2010RH-8 Datasheet HTML 11Page - Intersil Corporation HS8-RTX2010RH-8 Datasheet HTML 12Page - Intersil Corporation HS8-RTX2010RH-8 Datasheet HTML 13Page - Intersil Corporation HS8-RTX2010RH-8 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
HS-RTX2010RH Operation
Control of all data paths and the Program Counter Register,
(
), is provided by the Instruction Decoder. This hardware
determines what function is to be performed by looking at
the contents of the Instruction Register, (
), and
subsequently determines the sequence of operations
through data path control.
Instructions which do not perform memory accesses execute
in a single clock cycle while the next instruction is being
fetched.
As shown in Figure 10, the instruction is latched into
at
the beginning of a clock cycle. The instruction is then decoded
by the processor. All necessary internal operations are
performed simultaneously with fetching the next instruction.
Instructions which access memory require two clock cycles
to be executed. During the first cycle of a memory access
instruction, the instruction is decoded, the address of the
memory location to be accessed is placed on the Memory
Address Bus (MA19-MA01), and the memory data
(MD15-MD00), is read or written. During the second cycle,
ALU operations are performed, the address of the next
instruction to be executed is placed on the Memory Address
Bus, and the next instruction is fetched, as indicated in the
bottom half of Figure 10.
BYTE
SWAP
HS-RTX2010RH
OFF-CHIP
USER
INTERFACES
TIMER/COUNTERS
TP0
TP1
TP2
TC0
TC1
TC2
ALU
YT
PC
I
TOP
CR
MD
SR
CONTROL
STACK
IMR
IVR
IBC
CONTROL
INTERRUPT
CONTROL
PAGE
MEMORY
CLOCK AND
CONTROL
RESET
INTERFACE
MEMORY BUS
INTERFACE
ASIC BUS
DPR
IPR
UPR
CPR
UBR
SPR
SUR
SVR
-1
+1
INSTRUCTION
DECODER
IR
LEADING ZERO
DETECTOR
BARREL
SHIFTER
16 x 16
MAC
MXR
MHR
MLR
256 x 21
RETURN
MEMORY
STACK
256 x 16
PARAMETER
MEMORY
STACK
NEXT
NOTE:
contains the 5 most significant bits (20-16) of the top element of the Return Stack.
FIGURE 9. HS-RTX2010RH FUNCTIONAL BLOCK DIAGRAM
IPR
PC
IR
IR
HS-RTX2010RH


Similar Part No. - HS8-RTX2010RH-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS8-10 ETC2-HS8-10 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
HS8-12 ETC2-HS8-12 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
HS8-14 ETC2-HS8-14 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
HS8-16 ETC2-HS8-16 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
HS8-18 ETC2-HS8-18 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
More results

Similar Description - HS8-RTX2010RH-8

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT69RH051 AEROFLEX-UT69RH051 Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
logo
Texas Instruments
MSP430FR5969-SP TI1-MSP430FR5969-SP_18 Datasheet
1Mb / 128P
[Old version datasheet]   Radiation Hardened Mixed-Signal Microcontroller
MSP430FR5969-SP TI1-MSP430FR5969-SP Datasheet
1Mb / 126P
[Old version datasheet]   Radiation Hardened Mixed-Signal Microcontroller
logo
Microchip Technology
SAMRH707 MICROCHIP-SAMRH707 Datasheet
11Mb / 1389P
   Radiation-Hardened 32-bit Microcontroller with Advanced Radiation-Hardened 32-bit Microcontroller with Advanced
2021
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com