Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-81C55RH Datasheet(PDF) 8 Page - Intersil Corporation

Part # HS9-81C55RH
Description  Radiation Hardened 256 x 8 CMOS RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-81C55RH Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HS9-81C55RH Datasheet HTML 4Page - Intersil Corporation HS9-81C55RH Datasheet HTML 5Page - Intersil Corporation HS9-81C55RH Datasheet HTML 6Page - Intersil Corporation HS9-81C55RH Datasheet HTML 7Page - Intersil Corporation HS9-81C55RH Datasheet HTML 8Page - Intersil Corporation HS9-81C55RH Datasheet HTML 9Page - Intersil Corporation HS9-81C55RH Datasheet HTML 10Page - Intersil Corporation HS9-81C55RH Datasheet HTML 11Page - Intersil Corporation HS9-81C55RH Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
HS-81C55RH, HS-81C56RH
Waveforms (Continued)
RD
INPUT
DATA BUS
tPR
tRP
BASIC INPUT
BASIC INPUT
RD
INPUT
DATA BUS
tWP
RELOAD COUNTER CLR
LOAD COUNTER CLR
TIMER OUTPUT COUNTDOWN FROM 5 TO 1
2
1
5
432
1
5
TIMER IN
TIMER OUT
(PULSE)
TIMER OUT
(SQUARE WAVE)
(NOTE 1)
(NOTE 1)
tR
tF
t2
t1
tCYC
tTL
tTH
tTH
tTL
NOTE: THE TIMER OUTPUT IS PERIODIC IF IN AN AUTOMATIC
RELOAD MODE (M, MODE BIT = 1)
Spec Number
518056


Similar Part No. - HS9-81C55RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-81C55RH-8 INTERSIL-HS9-81C55RH-8 Datasheet
113Kb / 11P
   Radiation Hardened 256 x 8 CMOS RAM
HS9-81C55RH-Q INTERSIL-HS9-81C55RH-Q Datasheet
113Kb / 11P
   Radiation Hardened 256 x 8 CMOS RAM
More results

Similar Description - HS9-81C55RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-81C55RH INTERSIL-HS-81C55RH_00 Datasheet
113Kb / 11P
   Radiation Hardened 256 x 8 CMOS RAM
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-6564RH INTERSIL-HS-6564RH Datasheet
673Kb / 9P
   Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH INTERSIL-HS-6617RH Datasheet
128Kb / 14P
   Radiation Hardened 2K x 8 CMOS PROM
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com