Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP43216VC-52 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HSP43216VC-52
Description  Halfband Filter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43216VC-52 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HSP43216VC-52 Datasheet HTML 7Page - Intersil Corporation HSP43216VC-52 Datasheet HTML 8Page - Intersil Corporation HSP43216VC-52 Datasheet HTML 9Page - Intersil Corporation HSP43216VC-52 Datasheet HTML 10Page - Intersil Corporation HSP43216VC-52 Datasheet HTML 11Page - Intersil Corporation HSP43216VC-52 Datasheet HTML 12Page - Intersil Corporation HSP43216VC-52 Datasheet HTML 13Page - Intersil Corporation HSP43216VC-52 Datasheet HTML 14Page - Intersil Corporation HSP43216VC-52 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
3-203
In the polyphase implementation, the input data stream
feeds even and odd tap filters running at the input sample
rate. The interpolated sample stream is derived by
multiplexing the output of each polyphase branch into a
single data stream at twice the input sample rate. As in the
Decimate by Two example, the even or odd tap filters are
comprised of the even or odd indexed coefficients from the
original transversal filter.
The operation of the HSP43216 in Interpolate by Two mode
is analogous to the polyphase example above. In this mode
the internal data flow is routed as shown in Figure 11A and
Figure 11B. The different data flows depend on the selection
of internal or external multiplexing via INT/EXT. In this mode,
data input through AIN0-15 is fed to the even and odd
polyphase branches of the filter processor. The output of
each branch is multiplexed together to generate the output
data stream at the interpolated rate.
NOTE: The output of
each polyphase branch is scaled by two to compensate
for the attenuation of one half caused by interpolation.
C0 C1 C2 C3 C4 C5 C6
..,X2,X1,X0
Y(1) = X0(C0)+0(C1)+X1(C2)+0(C3)+X2(C4)+0(C5)+X3(C6)
Y(0) = 0(C0)+X0(C1)+0(C2)+X1(C3)+0(C4)+X2(C5)+0(C6)
...,Y1,Y0
2
..X1,0,X0,0
7 TAP HALFBAND FILTER
Y(3) = X1(C0)+0(C1)+X2(C2)+0(C3)+X3(C4)+0(C5)+X4(C6)
Y(2) = 0(C0)+X1(C1)+0(C2)+X2(C3)+0(C4)+X3(C5)+0(C6)
FIGURE 9. TRANSVERSAL IMPLEMENTATION OF
INTERPOLATE BY TWO HALFBAND FILTER
C0 C2 C4 C6
...,X2,X1,X0
Y0 = X0(C1)+X1(C3)+X2(C5)
Y1 = X0(C0)+X1(C2)+X2(C4)+X3(C6)
..,Y4,Y2,Y0
C1 C3 C5
R
E
G
ODD TAP FILTER
EVEN TAP FILTER
M
U
X
..,Y5,Y3,Y1
..,Y2,Y1,Y0
Y2 = X1(C1)+X2(C3)+X3(C5)
FIGURE 10. POLYPHASE IMPLEMENTATION OF INTERPOLATE
BY TWO HALFBAND FILTER
FIGURE 11A. DATA FLOW DIAGRAM FOR INTERPOLATE BY 2 FILTER MODE (INT/EXT = 1)
FIGURE 11B. DATA FLOW DIAGRAM FOR INTERPOLATE BY 2 FILTER MODE (INT/EXT = 0)
EVEN TAP
FILTER
ODD TAP
FILTER
AIN0-15
AOUT0-15
OEA
R
E
G
R
E
G
R
E
G
R
E
G
R
E
G
R
E
G
R
N
D
F
M
T
R
E
G
R
E
G
R
E
G
R
E
G
1
1
2
2
R
E
G
M
U
X
Clocked at CLK/2
GROUP DELAY 19
GROUP DELAY 19
PIPELINE DELAY 2-35
PIPELINE DELAY 19
EVEN TAP
FILTER
AIN0-15
AOUT0-15
R
E
G
R
E
G
R
E
G
R
N
D
F
M
T
R
E
G
R
E
G
R
E
G
1
1
R
E
G
R
E
G
1
ODD TAP
FILTER
OEB
1
BOUT0-15
R
N
D
F
M
T
R
E
G
R
E
G
OEA
GROUP DELAY 19
PIPELINE DELAY 2-35
GROUP DELAY 19
PIPELINE DELAY 19
R
E
G
R
E
G
HSP43216


Similar Part No. - HSP43216VC-52

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43216VC-52 INTERSIL-HSP43216VC-52 Datasheet
589Kb / 20P
   Halfband Filter
HSP43216VC-52 INTERSIL-HSP43216VC-52 Datasheet
434Kb / 20P
   Halfband Filter
logo
Renesas Technology Corp
HSP43216VC-52 RENESAS-HSP43216VC-52 Datasheet
575Kb / 20P
   Halfband Filter
Oct 6, 2008
logo
Intersil Corporation
HSP43216VC-52Z INTERSIL-HSP43216VC-52Z Datasheet
589Kb / 20P
   Halfband Filter
HSP43216VC-52Z INTERSIL-HSP43216VC-52Z Datasheet
434Kb / 20P
   Halfband Filter
More results

Similar Description - HSP43216VC-52

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP43216 RENESAS-HSP43216 Datasheet
575Kb / 20P
   Halfband Filter
Oct 6, 2008
logo
Intersil Corporation
HSP43216 INTERSIL-HSP43216_08 Datasheet
434Kb / 20P
   Halfband Filter
HSP43216 INTERSIL-HSP43216_07 Datasheet
589Kb / 20P
   Halfband Filter
logo
TDK Electronics
B39182B9521P810 TDK-B39182B9521P810 Datasheet
309Kb / 12P
   SAW filter 2in1 filter
logo
API Technologies Corp
1289-001 APITECH-1289-001 Datasheet
43Kb / 1P
   FILTER
logo
Wurth Elektronik GmbH &...
750314978 WURTH-750314978 Datasheet
133Kb / 1P
   FILTER
750314980 WURTH-750314980 Datasheet
133Kb / 1P
   FILTER
logo
Merrimac Industries, In...
FBGC-2.75G MERRIMAC-FBGC-2.75G Datasheet
97Kb / 2P
   FILTER
FBGE-3.0G MERRIMAC-FBGE-3.0G Datasheet
204Kb / 2P
   FILTER
FBGE-10.57 MERRIMAC-FBGE-10.57 Datasheet
74Kb / 2P
   FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com