Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP43891 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HSP43891
Description  Digital Filter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43891 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HSP43891 Datasheet HTML 4Page - Intersil Corporation HSP43891 Datasheet HTML 5Page - Intersil Corporation HSP43891 Datasheet HTML 6Page - Intersil Corporation HSP43891 Datasheet HTML 7Page - Intersil Corporation HSP43891 Datasheet HTML 8Page - Intersil Corporation HSP43891 Datasheet HTML 9Page - Intersil Corporation HSP43891 Datasheet HTML 10Page - Intersil Corporation HSP43891 Datasheet HTML 11Page - Intersil Corporation HSP43891 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
The 26 least significant bits (LSBs) from either a cell
accumulator or the output buffer are output on the SUM0-25
bus. The output mux determines whether the cell
accumulator selected by ADR0-2 or the output buffer is
output to the bus. This mux is controlled by the SHADD input
signal. Control is based on the state of the SHADD during
two successive clocks; in other words, the output mux
selection contains memory. If SHADD is low during a clock
cycle and was low during the previous clock, the output mux
selects the contents of the filter cell accumulator addressed
by ADR0-2. Otherwise the output mux selects the contents
of the output buffer.
If the ADR0-2 lines remain at the same address for more
than one clock, the output at SUM0-25 will not change to
reflect any subsequent accumulator updates in the
addressed cell. Only the result available during the first clock
when ADR0-2 selects the cell will be output.
This does not hinder normal FIR operation since the ADR0-2
lines are changed sequentially. This feature facilitates the
interface with slow memories where the output is required to
be fixed for more than one clock.
The SUM0-25 output bus is controlled by the SENBH and
SENBL signals. A low on SENBL enables bits SUM0-15. A
low on SENBH enables bits SUM16-25. Thus, all 26 bits can
be output simultaneously if the external system has a 26-bit
or larger bus. If the external system bus is only 16 bits, the
bits can be enabled in two groups of 16 and 10 bits (sign
extended).
DF Arithmetic
Both data samples and coefficients can be represented as
either 8-bit unsigned or 9-bit two’s complement numbers.
The 9x9 bit multiplier in each cell expects 9-bit two’s
complement operands. The binary format of 8-bit two’s
complement is shown below. Note that if the most significant
or sign bit is held at logical zero, the 9-bit two’s complement
multiplier can multiply 8-bit unsigned operands. Only the
upper (positive) half of the two’s complement binary range is
used.
The multiplier output is 18 bits and the accumulator is 26
bits. The accumulator width determines the maximum
possible number of terms in the sum of products without
overflow. The maximum number of terms depends also on
the number system and the distribution of the coefficient and
data values. Then maximum numbers of terms in the sum
products are:
For practical FIR filters, the coefficients are never all near
maximum value, so even larger vectors are possible in
practice.
Basic FIR Operation
A simple, 30MHz 8-tap filter example serves to illustrate
more clearly the operation of the DF. The sequence table
(Table 1) shows the results of the multiply accumulate in
each cell after each clock. The coefficient sequence, CN,
enters the DF on the left and moves from left to right through
the cells. The data sample sequence, XN, enters the DF
from the top, with each cell receiving the same sample
simultaneously. Each cell accumulates the sum of products
for one output point. Eight sums of products are calculated
simultaneously, but staggered in time so that a new output is
available every system clock.
26
0-18
OUTPUT
RESET.D
SIGN EXT
CELL RESULT
MUX
3
CELL RESULTS
26
0
26
1
26
6
26
7
ADR0.D - ADR2.D
18
8
18-25
18 (LSBs)
0-17
26
+
BUFFER
CLK
26
26
26
OUTPUT
MUX
10
26
3-STATE
BUFFER
26
SUM0-25
18
MUX
ZERO
01
0’s
0-17
8-25
18 MSBs SHIFTED
8 BITS TO RIGHT
2
SENBL
SENBH
CLK
CLR
D
Q
RESET.D
CLK
CLR
D
Q
RESET.D
SHADD
SHADD.D
FIGURE 2. HSP43891 DFP OUTPUT STAGE
NUMBER SYSTEM
MAXIMUM # OF TERMS
8-BIT
9-BIT
Two Unsigned Vectors
1032
N/A
Two Two’s Complement Vectors
• Two Positive Vectors
2080
1032
• Negative Vectors
2047
1024
• One Positive and One Negative
Vector
2064
1028
One Unsigned 8-Bit Vector and One
Two’s Complement Vector
• Positive Two’s Complement Vector
1036
1032
• Negative Two’s Complement Vector
1028
1028
HSP43891


Similar Part No. - HSP43891

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43891/883 INTERSIL-HSP43891/883 Datasheet
153Kb / 7P
   Digital Filter
HSP43891883 INTERSIL-HSP43891883 Datasheet
153Kb / 7P
   Digital Filter
HSP43891GM-20/883 INTERSIL-HSP43891GM-20/883 Datasheet
153Kb / 7P
   Digital Filter
HSP43891GM-25/883 INTERSIL-HSP43891GM-25/883 Datasheet
153Kb / 7P
   Digital Filter
More results

Similar Description - HSP43891

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43881 INTERSIL-HSP43881 Datasheet
148Kb / 21P
   Digital Filter
HSP43881883 INTERSIL-HSP43881883 Datasheet
158Kb / 7P
   Digital Filter
HSP43481 INTERSIL-HSP43481 Datasheet
95Kb / 1P
   Digital Filter
HSP43481883 INTERSIL-HSP43481883 Datasheet
37Kb / 2P
   Digital Filter
HSP43891883 INTERSIL-HSP43891883 Datasheet
153Kb / 7P
   Digital Filter
logo
List of Unclassifed Man...
CXD2554P ETC2-CXD2554P Datasheet
52Kb / 1P
   Digital Filter
logo
Intersil Corporation
HSP43220 INTERSIL-HSP43220 Datasheet
634Kb / 21P
   Decimating Digital Filter
HSP43220883 INTERSIL-HSP43220883 Datasheet
204Kb / 7P
   Decimating Digital Filter
HSP43220 INTERSIL-HSP43220_04 Datasheet
800Kb / 18P
   Decimating Digital Filter
logo
Renesas Technology Corp
HSP43220 RENESAS-HSP43220 Datasheet
1Mb / 21P
   Decimating Digital Filter
Oct 10, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com