Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP43891VC-25 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HSP43891VC-25
Description  Digital Filter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43891VC-25 Datasheet(HTML) 1 Page - Intersil Corporation

  HSP43891VC-25 Datasheet HTML 1Page - Intersil Corporation HSP43891VC-25 Datasheet HTML 2Page - Intersil Corporation HSP43891VC-25 Datasheet HTML 3Page - Intersil Corporation HSP43891VC-25 Datasheet HTML 4Page - Intersil Corporation HSP43891VC-25 Datasheet HTML 5Page - Intersil Corporation HSP43891VC-25 Datasheet HTML 6Page - Intersil Corporation HSP43891VC-25 Datasheet HTML 7Page - Intersil Corporation HSP43891VC-25 Datasheet HTML 8Page - Intersil Corporation HSP43891VC-25 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
File Number
2785.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
HSP43891
Digital Filter
The HSP43891 is a video-speed Digital Filter (DF)
designed to efficiently implement vector operations such as
FIR digital filters. It is comprised of eight filter cells
cascaded internally and a shift and add output stage, all in
a single integrated circuit. Each filter cell contains a 9x9
two’s complement multiplier, three decimation registers and
a 26-bit accumulator. The output stage contains an
additional 26-bit accumulator which can add the contents of
any filter cell accumulator to the output stage accumulator
shifted right by 8-bits. The HSP43891 has a maximum
sample rate of 30MHz. The effective multiply-accumulate
(mac) rate is 240MHz.
The HSP43891 DF can be configured to process expanded
coefficient and word sizes. Multiple DFs can be cascaded
for larger filter lengths without degrading the sample rate or
a single DF can process larger filter lengths at less than
30MHz with multiple passes. The architecture permits
processing filter lengths of over 1000 taps with the
guarantee of no overflows. In practice, most filter
coefficients are less than 1.0, making even larger filter
lengths possible. The DF provides for 8-bit unsigned or
9-bit two’s complement arithmetic, independently
selectable for coefficients and signal data.
Each DF filter cell contains three resampling or decimation
registers which permit output sample rate reduction at rates
of 1/2,
1/
3 or
1/
4 the input sample rate. These registers also
provide the capability to perform 2-D operations such as
matrix multiplication and NxN spatial
correlations/convolutions for image processing applications.
Features
• Eight Filter Cells
• 0MHz to 30MHz Sample Rate
• 9-Bit Coefficients and Signal Data
• 26-Bit Accumulator per Stage
• Filter Lengths Over 1000 Taps
• Expandable Coefficient Size, Data Size and Filter Length
• Decimation by 2, 3 or 4
Applications
• 1-D and 2-D FIR Filters
• Radar/Sonar
• Digital Video
• Adaptive Filters
• Echo Cancellation
• Complex Multiply-Add
- Sample Rate Converters
Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HSP43891VC-20
0 to 70
100 Lead MQFP Q100.14x20
HSP43891VC-25
0 to 70
100 Lead MQFP Q100.14x20
HSP43891VC-30
0 to 70
100 Lead MQFP Q100.14x20
HSP43891JC-20
0 to 70
84 Lead PLCC
N84.1.15
HSP43891JC-25
0 to 70
84 Lead PLCC
N84.1.15
HSP43891JC-30
0 to 70
84 Lead PLCC
N84.1.15
HSP43891GC-20
0 to 70
85 Pin CPGA
G85.A
HSP43891GC-25
0 to 70
85 Pin CPGA
G85.A
HSP43891GC-30
0 to 70
85 Pin CPGA
G85.A
CIN0 - 8
DF
FILTER
CELL 7
COUT0 - 8
ERASE
DCM0 - 1
DIENB
CIENB
COENB
MUX
RESET
26
ADR0, ADR1, ADR2
CLK
RESET
SHADD
SENBH
SENBL
OUTPUT
STAGE
VCC
VSS
DIN0 - DIN8
SUM0 - 25
3
9
DF
FILTER
CELL 6
26
9
DF
FILTER
CELL 5
26
9
DF
FILTER
CELL 4
26
9
DF
FILTER
CELL 3
26
9
DF
FILTER
CELL 2
26
9
DF
FILTER
CELL 1
26
9
DF
FILTER
CELL 0
26
9
9
5
5
2
26
26
2
9
5
CLK
ADRO - 2
Data Sheet
May 1999


Similar Part No. - HSP43891VC-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43891/883 INTERSIL-HSP43891/883 Datasheet
153Kb / 7P
   Digital Filter
HSP43891883 INTERSIL-HSP43891883 Datasheet
153Kb / 7P
   Digital Filter
HSP43891GM-20/883 INTERSIL-HSP43891GM-20/883 Datasheet
153Kb / 7P
   Digital Filter
HSP43891GM-25/883 INTERSIL-HSP43891GM-25/883 Datasheet
153Kb / 7P
   Digital Filter
More results

Similar Description - HSP43891VC-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43881 INTERSIL-HSP43881 Datasheet
148Kb / 21P
   Digital Filter
HSP43881883 INTERSIL-HSP43881883 Datasheet
158Kb / 7P
   Digital Filter
HSP43481 INTERSIL-HSP43481 Datasheet
95Kb / 1P
   Digital Filter
HSP43481883 INTERSIL-HSP43481883 Datasheet
37Kb / 2P
   Digital Filter
HSP43891883 INTERSIL-HSP43891883 Datasheet
153Kb / 7P
   Digital Filter
logo
List of Unclassifed Man...
CXD2554P ETC2-CXD2554P Datasheet
52Kb / 1P
   Digital Filter
logo
Intersil Corporation
HSP43220 INTERSIL-HSP43220 Datasheet
634Kb / 21P
   Decimating Digital Filter
HSP43220883 INTERSIL-HSP43220883 Datasheet
204Kb / 7P
   Decimating Digital Filter
HSP43220 INTERSIL-HSP43220_04 Datasheet
800Kb / 18P
   Decimating Digital Filter
logo
Renesas Technology Corp
HSP43220 RENESAS-HSP43220 Datasheet
1Mb / 21P
   Decimating Digital Filter
Oct 10, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com