Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP45106JC-25 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HSP45106JC-25
Description  16-Bit Numerically Controlled Oscillator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP45106JC-25 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HSP45106JC-25 Datasheet HTML 6Page - Intersil Corporation HSP45106JC-25 Datasheet HTML 7Page - Intersil Corporation HSP45106JC-25 Datasheet HTML 8Page - Intersil Corporation HSP45106JC-25 Datasheet HTML 9Page - Intersil Corporation HSP45106JC-25 Datasheet HTML 10Page - Intersil Corporation HSP45106JC-25 Datasheet HTML 11Page - Intersil Corporation HSP45106JC-25 Datasheet HTML 12Page - Intersil Corporation HSP45106JC-25 Datasheet HTML 13Page - Intersil Corporation HSP45106JC-25 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Absolute Maximum Ratings TA =25oC
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage Applied . . . . .GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.75V to +5.25V
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
PLCC Package . . . . . . . . . . . . . . . . . . .
36
N/A
CPGA Package . . . . . . . . . . . . . . . . . .
36
7
Maximum Junction Temperature
PLCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .150oC
CPGA Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .175oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . .300oC
(PLCC - Lead Tips Only)
Die Characteristics
Backside Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Logical One Input Voltage
VIH
VCC = 5.25V
2.0
-
V
Logical Zero Input Voltage
VIL
VCC = 4.75V
-
0.8
V
High Level Clock Input
VIHC
VCC = 5.25V
3.0
-
V
Low Level Clock Input
VILC
VCC = 4.75V
-
0.8
V
Output HIGH Voltage
VOH
IOH = -400µA, VCC = 4.75V
2.6
-
V
Output LOW Voltage
VOL
IOL = +2.0mA, VCC = 4.75V
-
0.4
V
Input Leakage Current
II
VIN = VCC or GND, VCC = 5.25V
-10
10
µA
I/O Leakage Current
IO
VOUT = VCC or GND, VCC = 5.25V
-10
10
µA
Standby Power Supply Current
ICCSB
VIN = VCC or GND, VCC = 5.25V, Note 4
-
500
µA
Operating Power Supply Current
ICCOP
f = 25.6MHz, VIN = VCC or GND
VCC = 5.25V, Notes 2 and 4
-
180
mA
Capacitance TA = 25oC, Note 3
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Input Capacitance
CIN
FREQ = 1MHz, VCC = Open. All
measurements are referenced to device
ground
-10
pF
Output Capacitance
CO
-10
pF
NOTES:
2. Power supply current is proportional to operating frequency. Typical rating for ICCOP is 7mA/MHz.
3. Not tested, but characterized at initial design and at major process/design changes.
4. Output load per test load circuit with switch open and CL = 40pF.
HSP45106


Similar Part No. - HSP45106JC-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45106JC-25 INTERSIL-HSP45106JC-25 Datasheet
517Kb / 13P
   16-Bit Numerically Controlled Oscillator
More results

Similar Description - HSP45106JC-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45106883 INTERSIL-HSP45106883 Datasheet
130Kb / 6P
   16-Bit Numerically Controlled Oscillator
HSP45106 INTERSIL-HSP45106_04 Datasheet
517Kb / 13P
   16-Bit Numerically Controlled Oscillator
logo
Renesas Technology Corp
HSP45102 RENESAS-HSP45102 Datasheet
435Kb / 9P
   12-Bit Numerically Controlled Oscillator
logo
Intersil Corporation
HSP45102 INTERSIL-HSP45102_05 Datasheet
151Kb / 7P
   12-Bit Numerically Controlled Oscillator
HSP45102 INTERSIL-HSP45102 Datasheet
48Kb / 7P
   12-Bit Numerically Controlled Oscillator
HSP45102 INTERSIL-HSP45102_07 Datasheet
189Kb / 9P
   12-Bit Numerically Controlled Oscillator
HSP45116883 INTERSIL-HSP45116883 Datasheet
157Kb / 6P
   Numerically Controlled Oscillator/Modulator
HSP45116 INTERSIL-HSP45116_04 Datasheet
268Kb / 16P
   Numerically Controlled Oscillator/Modulator
HSP45116A INTERSIL-HSP45116A_07 Datasheet
587Kb / 19P
   Numerically Controlled Oscillator/Modulator
HSP45116 INTERSIL-HSP45116 Datasheet
129Kb / 18P
   Numerically Controlled Oscillator/Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com