Electronic Components Datasheet Search |
|
HSP45116-DB Datasheet(PDF) 10 Page - Intersil Corporation |
|
HSP45116-DB Datasheet(HTML) 10 Page - Intersil Corporation |
10 / 13 page 10 in turn drives the clock input of the HSP45116. The jumper inserted between JA2 and SA2 allows the Input Header’s CLK_IN pin to be driven by the buffer output. NOTE: The jumper placement shown in Figure 5 is the standard configuration.. The HSP45116-DB is shipped from the factory with the default jumper configuration shown by the overlay of heavy lines onto the signal map in Table 1. For the Control Panel and Command Line Interface software to properly control operation of the HSP45116, it is assumed that the HSP45116 control inputs are jumpered as specified in the default configuration. Also, the system test software, NCOM_CHK, must be run using the default configuration. Appendix A Data File Structures The Input/Output data files used by the HSP45116-DB Control Panel and Command Line Interface software contain complex data samples. The data files consist of a seven line header followed by the data itself. The header section must follow this format: Line 1: Comment #1 Line 2: Comment #2 Line 3: Comment #3 Line 4: Comment #4 Line 5: Comment #6 Line 7: c 1 n (Real Component) (Imaginary Component) • • • The ‘n’ on the 7th line of the header should be replaced by the number of complex samples in the file. Following the header, the complex samples are listed one per row with the real part listed first followed by the complex part. The real and imaginary components of the complex data sample are represented as 16-bit two’s complement values. As a result, the real and imaginary parts of the data sample are integer values bounded by 32767 and -32768. The CMPRFILE installed in the NCOM_CHK subdirectory is an example of the input data file structure. FIGURE 5. JUMPER CONFIGURATION IF CLOCK IS SUP- PLIED THROUGH J1 INPUT HEADER FIGURE 6. JUMPER CONFIGURATION IF CLOCK IS SUP- PLIED THROUGH J2 OUTPUT HEADER 1 1 HSP45116-DB |
Similar Part No. - HSP45116-DB |
|
Similar Description - HSP45116-DB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |