Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP45102SC-40 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HSP45102SC-40
Description  12-Bit Numerically Controlled Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP45102SC-40 Datasheet(HTML) 6 Page - Intersil Corporation

  HSP45102SC-40 Datasheet HTML 1Page - Intersil Corporation HSP45102SC-40 Datasheet HTML 2Page - Intersil Corporation HSP45102SC-40 Datasheet HTML 3Page - Intersil Corporation HSP45102SC-40 Datasheet HTML 4Page - Intersil Corporation HSP45102SC-40 Datasheet HTML 5Page - Intersil Corporation HSP45102SC-40 Datasheet HTML 6Page - Intersil Corporation HSP45102SC-40 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3-200
AC Test Load Circuit
AC Electrical Specifications
VCC = 5.0V ±5%, TA = 0
oC to 70oC, T
A = -40
oC to 85oC (Note 5)
PARAMETER
SYMBOL
NOTES
-33 (33MHz)
-40 (40MHz)
UNITS
MIN
MAX
MIN
MAX
Clock Period
tCP
30
-
25
-
ns
Clock High
tCH
12
-
10
-
ns
Clock Low
tCL
12
-
10
-
ns
SCLK High/Low
tSW
12
-
10
-
ns
Setup Time SD to SCLK Going High
tDS
12
-
12
-
ns
Hold Time SD from SCLK Going High
tDH
0-0-
ns
Setup Time SFTEN, MSB/LSB to SCLK Going High
tMS
15
-
12
-
ns
Hold Time SFTEN, MSB/LSB from SCLK Going High
tMH
0-0-
ns
Setup Time SCLK High to CLK Going High
tSS
Note 6
16
-
15
-
ns
Setup Time P0-1 to CLK Going High
tPS
15
-
12
-
ns
Hold Time P0-1 from CLK Going High
tPH
1-1-
ns
Setup Time LOAD, TXFR, ENPHAC, SEL_L/M
to CLK Going High
tES
15
-
13
-
ns
Hold Time LOAD, TXFR, ENPHAC, SEL_L/M
from CLK Going High
tEH
1-1-
ns
CLK to Output Delay
tOH
2
15
2
13
ns
Output Rise, Fall Time
tRF
Note 7
8
-
8
-
ns
NOTES:
5. AC testing is performed as follows: Input levels (CLK Input) 4.0V and 0V; Input levels (all other inputs) 0V and 3.0V; Timing reference levels
(CLK) 2.0V; All others 1.5V. Output load per test load circuit with switch closed and CL = 40pF. Output transition is measured at VOH > 1.5V
and VOL < 1.5V.
6. If TXFR is active, care must be taken to not violate setup and hold times as data from the shift registers may not have settled before CLK occurs.
7. Controlled via design or process parameters and not directly tested. Characterized upon initial design and after major process and/or design
changes.
EQUIVALENT CIRCUIT
CL (NOTE)
IOH
1.5V
IOL
DUT
SWITCH S1 OPEN FOR ICCSB AND ICCOP
S1
±
NOTE: Test head capacitance.
HSP45102


Similar Part No. - HSP45102SC-40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45102SC-40 INTERSIL-HSP45102SC-40 Datasheet
151Kb / 7P
   12-Bit Numerically Controlled Oscillator
HSP45102SC-40 INTERSIL-HSP45102SC-40 Datasheet
189Kb / 9P
   12-Bit Numerically Controlled Oscillator
logo
Renesas Technology Corp
HSP45102SC-40 RENESAS-HSP45102SC-40 Datasheet
435Kb / 9P
   12-Bit Numerically Controlled Oscillator
logo
Intersil Corporation
HSP45102SC-40Z INTERSIL-HSP45102SC-40Z Datasheet
151Kb / 7P
   12-Bit Numerically Controlled Oscillator
HSP45102SC-40Z INTERSIL-HSP45102SC-40Z Datasheet
189Kb / 9P
   12-Bit Numerically Controlled Oscillator
More results

Similar Description - HSP45102SC-40

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP45102 RENESAS-HSP45102 Datasheet
435Kb / 9P
   12-Bit Numerically Controlled Oscillator
logo
Intersil Corporation
HSP45102 INTERSIL-HSP45102_05 Datasheet
151Kb / 7P
   12-Bit Numerically Controlled Oscillator
HSP45102 INTERSIL-HSP45102_07 Datasheet
189Kb / 9P
   12-Bit Numerically Controlled Oscillator
HSP45106883 INTERSIL-HSP45106883 Datasheet
130Kb / 6P
   16-Bit Numerically Controlled Oscillator
HSP45106 INTERSIL-HSP45106_04 Datasheet
517Kb / 13P
   16-Bit Numerically Controlled Oscillator
HSP45106 INTERSIL-HSP45106 Datasheet
379Kb / 14P
   16-Bit Numerically Controlled Oscillator
HSP45116883 INTERSIL-HSP45116883 Datasheet
157Kb / 6P
   Numerically Controlled Oscillator/Modulator
HSP45116 INTERSIL-HSP45116_04 Datasheet
268Kb / 16P
   Numerically Controlled Oscillator/Modulator
HSP45116A INTERSIL-HSP45116A_07 Datasheet
587Kb / 19P
   Numerically Controlled Oscillator/Modulator
HSP45116 INTERSIL-HSP45116 Datasheet
129Kb / 18P
   Numerically Controlled Oscillator/Modulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com