Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP45116VC-25 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HSP45116VC-25
Description  Numerically Controlled Oscillator/Modulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP45116VC-25 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HSP45116VC-25 Datasheet HTML 5Page - Intersil Corporation HSP45116VC-25 Datasheet HTML 6Page - Intersil Corporation HSP45116VC-25 Datasheet HTML 7Page - Intersil Corporation HSP45116VC-25 Datasheet HTML 8Page - Intersil Corporation HSP45116VC-25 Datasheet HTML 9Page - Intersil Corporation HSP45116VC-25 Datasheet HTML 10Page - Intersil Corporation HSP45116VC-25 Datasheet HTML 11Page - Intersil Corporation HSP45116VC-25 Datasheet HTML 12Page - Intersil Corporation HSP45116VC-25 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
Functional Description
The Numerically Controlled Oscillator/Modulator (NCOM)
produces a digital complex sinusoid waveform whose
amplitude, phase and frequency are controlled by a set of
input command words. When used as a Numerically
Controlled Oscillator (NCO), it generates 16-bit sine and
cosine vectors at a maximum sample rate of 33MHz. The
NCOM can be preprogrammed to produce a constant (CW)
sine and cosine output for Direct Digital Synthesis (DDS)
applications. Alternatively, the phase and frequency inputs
can be updated in real time to produce a FM, PSK, FSK, or
MSK modulated waveform. The Complex Multiplier/
Accumulator (CMAC) can be used to multiply this waveform
by an input signal for AM and QAM signals. By stepping the
phase input, the output of the ROM becomes an FFT twiddle
factor; when data is input to the Vector Inputs (see Block
Diagram), the NCOM calculates an FFT butterfly.
As shown in the Block Diagram, the NCOM consists of three
parts: Phase and Frequency Control Section (PFCS),
Sine/Cosine Generator, and CMAC. The PFCS stores the
phase and frequency inputs and uses them to calculate the
phase angle of a rotating complex vector. The Sine/Cosine
Generator performs a lookup on this phase and outputs the
appropriate values for the sine and cosine. The sine and
cosine form one set of inputs to the CMAC, which multiplies
them by the input vector to form the modulated output.
Phase and Frequency Control Section
The phase and frequency of the internally generated sine
and cosine are controlled by the PFCS (Block Diagram). The
PFCS generates a 32-bit word that represents the current
phase of the sine and cosine waves being generated; the
Sine/ Cosine Argument. Stepping this phase angle from 0
through full scale (232 - 1) corresponds to the phase angle of
a sinusoid starting at 0o and advancing around the unit circle
counterclockwise. The PFCS automatically increments the
phase by a preprogrammed amount on every rising edge of
the external clock. The value of the phase step (which is the
sum of the Center and Offset Frequency Registers) is:
The PFCS is divided into two sections: the Phase
Accumulator uses the data on C0-15 to compute the phase
angle that is the input to the Sine/Cosine Section
(Sine/Cosine Argument); the Time Accumulator supplies a
pulse to mark the passage of a preprogrammed period of
time.
The Phase Accumulator and Time Accumulator work on the
same principle: a 32-bit word is added to the contents of a
32-bit accumulator register every clock cycle; when the sum
causes the adder to overflow, the accumulation continues
with the 32 bits of the adder going into the accumulator
register. The overflow bit is used as an output to indicate the
timing of the accumulation overflows. In the Time
Accumulator, the overflow bit generates TICO, the Time
Accumulator carry out (which is the only output of the Time
Accumulator). In the Phase Accumulator, the overflow is
inverted to generate the Phase Accumulator Carry Out,
PACO.
The output of the Phase Accumulator goes to the Phase
Adder, which adds an offset to the top 16 bits of the phase.
This 32-bit number forms the argument of the sine and
cosine, which is passed to the Sine/Cosine Generator.
Both accumulators are loaded 16 bits at a time over the
C0-15 bus. Data on C0-15 is loaded into one of the three
input registers when CS and WR are low. The data in the
Most Significant Input Register and Least Significant Input
Register forms a 32-bit word that is the input to the Center
Frequency Register, Offset Frequency Register and Time
Accumulator. These registers are loaded by enabling the
proper register enable signal; for example, to load the Center
Frequency Register, the data is loaded into the LS and MS
Input Registers, and ENCFREG is set to zero; the next rising
edge of CLK will pass the registered version of ENCFREG,
R.ENCFREG, to the clock enable of the Center Frequency
Register; this register then gets loaded on the following
rising edge of CLK. The contents of the Input Registers will
be continuously loaded into the Center Frequency Register
as long as R.ENCFREG is low.
The Phase Register is loaded in a similar manner. Assuming
PMSEL is high, the contents of the Phase Input Register is
loaded into the Phase Register on every rising clock edge
that R.ENPHREG is low. If PMSEL is low, MOD0-1 supply
the two most significant bits into the Phase Register (MOD1
is the MSB) and the least significant 14 bits are loaded with
0. MOD0-1 are used to generate a Quad Phase Shift Keying
(QPSK) signal (Table 2).
The Phase Accumulator consists of registers and adders
that compute the value of the current phase at every clock. It
has three inputs: Center Frequency, which corresponds to
the carrier frequency of a signal; Offset Frequency, which is
the deviation from the Center Frequency; and Phase, which
is a 16-bit number that is added to the current phase for PSK
Phase Step =
Signal Frequency
Clock Frequency
----------------------------------------------
2
32
×
TABLE 1. AD0-1 DECODING
AD1
AD0
CS
WR
FUNCTION
000
Load least significant bits
of frequency input.
010
Load most significant bits
of frequency input.
100
Load phase register.
1
1
X
X
Reserved.
X
X
1
X
No Operation.
HSP45116


Similar Part No. - HSP45116VC-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45116VC-25 INTERSIL-HSP45116VC-25 Datasheet
268Kb / 16P
   Numerically Controlled Oscillator/Modulator
logo
Renesas Technology Corp
HSP45116VC-25 RENESAS-HSP45116VC-25 Datasheet
768Kb / 16P
   Numerically Controlled Oscillator/Modulator
Jul 2004
More results

Similar Description - HSP45116VC-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45116883 INTERSIL-HSP45116883 Datasheet
157Kb / 6P
   Numerically Controlled Oscillator/Modulator
HSP45116A INTERSIL-HSP45116A Datasheet
114Kb / 17P
   Numerically Controlled Oscillator/ Modulator
HSP45116 INTERSIL-HSP45116_04 Datasheet
268Kb / 16P
   Numerically Controlled Oscillator/Modulator
HSP45116A INTERSIL-HSP45116A_07 Datasheet
587Kb / 19P
   Numerically Controlled Oscillator/Modulator
logo
Renesas Technology Corp
HSP45116 RENESAS-HSP45116 Datasheet
768Kb / 16P
   Numerically Controlled Oscillator/Modulator
Jul 2004
HSP45116A RENESAS-HSP45116A Datasheet
1Mb / 19P
   Numerically Controlled Oscillator/Modulator
May 7, 2007
logo
Intersil Corporation
HSP45106883 INTERSIL-HSP45106883 Datasheet
130Kb / 6P
   16-Bit Numerically Controlled Oscillator
logo
Renesas Technology Corp
HSP45102 RENESAS-HSP45102 Datasheet
435Kb / 9P
   12-Bit Numerically Controlled Oscillator
logo
Intersil Corporation
HSP45106 INTERSIL-HSP45106_04 Datasheet
517Kb / 13P
   16-Bit Numerically Controlled Oscillator
HSP45102 INTERSIL-HSP45102_05 Datasheet
151Kb / 7P
   12-Bit Numerically Controlled Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com