Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5306 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5306
Description  Low Cost Logarithmic Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5306 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5306_15 Datasheet HTML 7Page - Analog Devices ADL5306_15 Datasheet HTML 8Page - Analog Devices ADL5306_15 Datasheet HTML 9Page - Analog Devices ADL5306_15 Datasheet HTML 10Page - Analog Devices ADL5306_15 Datasheet HTML 11Page - Analog Devices ADL5306_15 Datasheet HTML 12Page - Analog Devices ADL5306_15 Datasheet HTML 13Page - Analog Devices ADL5306_15 Datasheet HTML 14Page - Analog Devices ADL5306_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADL5306
Rev. 0 | Page 11 of 16
APPLICATIONS
The ADL5306 is easy to use in optical supervisory systems and
in similar situations where a wide-ranging current is to be
converted to its logarithmic equivalent (i.e., represented in
decibel terms). Basic connections for measuring a single current
input are shown in Figure 22, which includes various
nonessential components, as will be explained.
TEMPERATURE
COMPENSATION
BIAS
GENERATOR
451
8k
12k
14.2k
80k
20k
RREF
200k
6.69k
COMM
COMM
COMM
VNEG
VSUM
VPOS
INPT
VREF
NC
IREF
0.5V
+5V
2.5V
0.5V
VBE1
ILOG
VBE2
VOUT
SCAL
BFIN
VLOG
0.5 log10
( )
IPD
1nA
1k
1k
1nF
1nF
1nF
VBIAS
IPD
Q2
Q1
CFLT
10nF
03727-0-022
Figure 22. Basic Connections for Fixed Intercept Use
The 2 V difference in voltage between VREF and INPT, in
conjunction with the external 200 kΩ resistor RREF, provides a
reference current IREF of 100 µA into Pin IREF. The internal
reference raises the voltage at VLOG by 0.8 V, effectively
lowering the intercept current IINTC by a factor of 104 to position
it at 1 nA. Any temperature variation in RREF must be taken into
account when estimating the stability of the intercept. Also, the
overall noise will increase when using very low values of IREF. In
fixed-intercept applications, there is little benefit in using a large
reference current, since this only compresses the low current
end of the dynamic range when operated from a single supply,
shown here as 5 V. The capacitor between VSUM and ground is
recommended to minimize the noise on this node and to help
provide a clean reference current.
Since the basic scaling at VLOG is 0.2 V/dec and a swing of 4 V
at the buffer output would therefore correspond to 20 decades,
it will often be useful to raise the slope to make better use of the
rail-to-rail voltage range. For illustrative purposes, the circuit in
Figure 22 provides an overall slope of 0.5 V/dec (25 mV/dB).
Thus, using IREF = 100 µA, VLOG runs from 0.2 V at IPD = 100 nA
to 0.8 V at IPD = 100 µA. The buffer output runs from 0.5 V to
2.0 V, corresponding to a dynamic range of 60 dB electrical
(30 dB optical) power.
The optional capacitor from VLOG to ground forms a single-
pole low-pass filter in combination with the 4.55 kΩ resistance
at this pin. For example, using a CFLT of 10 nF, the –3 dB corner
frequency is 3.2 kHz. Such filtering is useful in minimizing the
output noise, particularly when IPD is small. Multipole filters are
more effective in reducing the total noise. For examples, see the
AD8304 Data Sheet.
The dynamic response of this overall input system is influenced
by the external RC networks connected from the two inputs
(INPT, IREF) to ground. These are required to stabilize the
input systems over the full current range. The bandwidth
changes with the input current due to the widely varying pole
frequency. The RC network adds a zero to the input system to
ensure stability over the full range of input current levels. The
network values shown in Figure 22 will usually suffice, but some
experimentation may be necessary when the photodiode’s
capacitance is high.
Although the two current inputs are similar, some care is
needed to operate the reference input at extremes of current
(<100 nA) and temperature (<0°C). Modifying the RC network
to 4.7 nF and 2 kΩ will allow operation to –40°C at 10 nA. By
inspecting the transient response to perturbations in IREF at
representative current levels, the capacitor value can be adjusted
to provide fast rise and fall times with acceptable settling. To
fine-tune the network zero, the resistor value should be
adjusted.
USING A NEGATIVE SUPPLY
Most applications of the ADL5306 require only a single supply
of 3.0 V to 5.5 V. However, to provide further versatility, dual
supplies may be employed, as illustrated in Figure 23.
TEMPERATURE
COMPENSATION
BIAS
GENERATOR
451
8k
12k
14.2k
80k
20k
RREF
200k
6.69k
COMM
COMM
COMM
VNEG
VSUM – VF ≤ –0.5V
VF
RS
Iq + Isig
Isig = IPD + IREF
VN
VSUM
VPOS
INPT
VREF
NC
IREF
0.5V
+5V
2.5V
0.5V
VBE1
ILOG
VBE2
VOUT
SCAL
BFIN
VLOG
0.5 log10
( )
IPD
1nA
1k
1k
1nF
1nF
VBIAS
IPD
Q2
Q1
CFLT
10nF
C1
VN – VF
Iq + Isigmax
03727-0-023
Figure 23. Negative Supply Application


Similar Part No. - ADL5306_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5306ACP AD-ADL5306ACP Datasheet
811Kb / 16P
   60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
REV. 0
ADL5306ACP-R2 AD-ADL5306ACP-R2 Datasheet
811Kb / 16P
   60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
REV. 0
ADL5306ACP-REEL7 AD-ADL5306ACP-REEL7 Datasheet
811Kb / 16P
   60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
REV. 0
More results

Similar Description - ADL5306_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5303 AD-ADL5303 Datasheet
468Kb / 24P
   160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
REV. 0
ADL5306 AD-ADL5306 Datasheet
811Kb / 16P
   60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
REV. 0
ADL5310 AD-ADL5310_18 Datasheet
570Kb / 20P
   Dual Logarithmic Converter
ADL5310 AD-ADL5310_15 Datasheet
595Kb / 20P
   Dual Logarithmic Converter
REV. A
AD8305 AD-AD8305_17 Datasheet
560Kb / 24P
   Range Logarithmic Converter
AD8307 AD-AD8307 Datasheet
394Kb / 20P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. A
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
logo
Recom International Pow...
ROE-0505S RECOM-ROE-0505S Datasheet
576Kb / 2P
   LOW COST 1W CONVERTER
RBE-0505S RECOM-RBE-0505S Datasheet
573Kb / 2P
   LOW COST 1W CONVERTER
REE RECOM-REE Datasheet
83Kb / 2P
   Low Cost 1W Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com