Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP45256 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HSP45256
Description  Binary Correlator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP45256 Datasheet(HTML) 4 Page - Intersil Corporation

  HSP45256 Datasheet HTML 1Page - Intersil Corporation HSP45256 Datasheet HTML 2Page - Intersil Corporation HSP45256 Datasheet HTML 3Page - Intersil Corporation HSP45256 Datasheet HTML 4Page - Intersil Corporation HSP45256 Datasheet HTML 5Page - Intersil Corporation HSP45256 Datasheet HTML 6Page - Intersil Corporation HSP45256 Datasheet HTML 7Page - Intersil Corporation HSP45256 Datasheet HTML 8Page - Intersil Corporation HSP45256 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
Pin Descriptions
SYMBOL
PLCC PIN NUMBER
TYPE
DESCRIPTION
VCC
16, 33, 63
The +5V power supply pin.
GND
14, 35, 55, 70, 77
Ground.
DIN0-7
17-24
I
The DIN0-7 bus consists of eight single data input pins. The assignment of the active pins is
determined by the configuration. Data is loaded synchronous to the rising edge of CLK. DIN0
is the LSB.
DOUT0-7
60-62, 64-68
O
The DOUT0-7 bus is the data output of the correlation array. The format of the output is de-
pendent on the window configuration and bit weighting. DOUT0 is the LSB.
CLK
15
I
System Clock. Positive edge triggered.
CASIN0-12
1-13
I
CASIN0-12 allows multiple correlators to be cascaded by connecting CASOUT0-12 of one
correlator to CASIN0-12 of another. The CASIN bus is added internally to the correlation
score to form CASOUT. CASIN0 is the LSB.
CASOUT0-12
69, 71-76, 78-83
O
CASOUT0-12 is the output correlation score. This value is the delayed sum of all the 256
taps of one chip and CASIN0-12. When the part is configured to act as two independent cor-
relators, CASOUT0-8 represents the correlation score for the first correlator while the sec-
ond correlation score is available on the AUXOUT0-8 bus. In this configuration, the
cascading feature is no longer an option. CASOUT0 is the LSB.
OEC
84
I
OEC is the output enable for CASOUT0-12. When OEC is high, the output is three-stated.
Processing is not interrupted by this pin (active low).
TXFR
36
I
TXFR is a synchronous clock enable signal that allows the loading of the reference and mask
inputs from the preload register to the correlation array. Data is transferred on the rising edge
of CLK while TXFR is low (active low).
DREF0-7
25-32
I
DREF0-7 is an 8-bit wide data reference input. This is the input data bus used to load the
reference data. RLOAD going active initiates the loading of the reference registers. This in-
put bus is used to load the reference registers of the correlation array. The manner in which
the reference data is loaded is determined by the window configuration. If the window con-
figuration is 1 x 256, the reference bits are loaded one at a time over DREF7. When the
HSP45256 is configured as an8x32array,the data is loaded into all stages in parallel. In
this case, DREF7 is the reference data for the first stage and DREF0 is the reference data
for the eighth stage. The contents of the reference data registers are not affected by chang-
ing the window configuration. DREF0 is the LSB.
RLOAD
34
I
RLOAD enables loading of the reference registers. Data on DREF0-7 is loaded into the pre-
load registers on the rising edge of RLOAD. This data is transferred into the correlation array
by TXFR (active low).
DCONT0-7
41-48
I
DCONT0-7 is the control data input which is used to load the mask bit for each tap, as well
as the configuration registers. The mask data is sequentially loaded into the eight stages in
the same manner as the reference data. DCONT0 is the LSB.
CLOAD
37
I
CLOAD enables the loading of the data on DCONT0-7. The destination of this data is con-
trolled by A0-2 (active low).
A0-2
38-40
I
A0-2 is a 3-bit address that determines what function will be performed when CLOAD is ac-
tive. This address bus is set up with respect to the rising edge of the load signal, CLOAD. A0
is the LSB.
AUXOUT0-8
50-54, 56-59
O
AUXOUT0-8 is a 9-bit bus that provides either the data reference output in the single corre-
lation configuration or the 9-bit correlation score of the second correlator, in the dual corre-
lator configuration. When the user programs the chip to be two separate correlators, the
score of the second correlator is output on this bus. When the user has programmed the chip
to be one correlator, AUXOUT0-7 represents the reference data out, with the state of
AUXOUT8 undefined. AUXOUT0 is the LSB.
OEA
49
I
The OEA signal is the output enable for the AUXOUT0-8 output. When OEA is high, the out-
put is disabled. Processing is not interrupted by this pin (active low).
HSP45256


Similar Part No. - HSP45256

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45256/883 INTERSIL-HSP45256/883 Datasheet
207Kb / 9P
   Binary Correlator
HSP45256883 INTERSIL-HSP45256883 Datasheet
207Kb / 9P
   Binary Correlator
HSP45256GM-20/883 INTERSIL-HSP45256GM-20/883 Datasheet
207Kb / 9P
   Binary Correlator
HSP45256GM-25/883 INTERSIL-HSP45256GM-25/883 Datasheet
207Kb / 9P
   Binary Correlator
More results

Similar Description - HSP45256

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45256883 INTERSIL-HSP45256883 Datasheet
207Kb / 9P
   Binary Correlator
logo
Motorola, Inc
MCS38140PG05C MOTOROLA-MCS38140PG05C Datasheet
188Kb / 10P
   GPS Digital Correlator
logo
Mitel Networks Corporat...
GP2021 MITEL-GP2021 Datasheet
372Kb / 62P
   GPS 12 channel Correlator Advance Information
logo
Motorola, Inc
MPG1654 MOTOROLA-MPG1654 Datasheet
204Kb / 6P
   Binary Counter
logo
M/A-COM Technology Solu...
906R5K-SP03 MA-COM-906R5K-SP03 Datasheet
577Kb / 3P
   Binary Capacitor
logo
ON Semiconductor
MC10178 ONSEMI-MC10178_02 Datasheet
112Kb / 8P
   Binary Counter
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC5027BP TOSHIBA-TC5027BP Datasheet
197Kb / 4P
   BINARY COUNTER
logo
ON Semiconductor
MC10178 ONSEMI-MC10178 Datasheet
109Kb / 5P
   Binary Counter
1996 REV 5
logo
Motorola, Inc
MC10154 MOTOROLA-MC10154 Datasheet
85Kb / 4P
   Binary Counter
logo
Zarlink Semiconductor I...
GP1020 ZARLINK-GP1020 Datasheet
345Kb / 44P
   SIX-CHANNEL PARALLEL CORRELATOR CIRCUIT FOR GPS OR GLONASS RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com