Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5385 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5385
Description  30 MHz to 2200 MHz Quadrature Modulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385 Datasheet(HTML) 1 Page - Analog Devices

  ADL5385_15 Datasheet HTML 1Page - Analog Devices ADL5385_15 Datasheet HTML 2Page - Analog Devices ADL5385_15 Datasheet HTML 3Page - Analog Devices ADL5385_15 Datasheet HTML 4Page - Analog Devices ADL5385_15 Datasheet HTML 5Page - Analog Devices ADL5385_15 Datasheet HTML 6Page - Analog Devices ADL5385_15 Datasheet HTML 7Page - Analog Devices ADL5385_15 Datasheet HTML 8Page - Analog Devices ADL5385_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
30 MHz to 2200 MHz
Quadrature Modulator
Data Sheet
ADL5385
FEATURES
Output frequency range: 30 MHz to 2200 MHz
1 dB output compression: 11 dBm at 350 MHz
Noise floor: –159 dBm/Hz at 350 MHz
Sideband suppression: −50 dBc at 350 MHz
Carrier feedthrough: −46 dBm at 350 MHz
Single supply: 4.75 V to 5.5 V
24-lead, RoHS-compliant, LFCSP_VQ with exposed paddle
APPLICATIONS
Radio-link infrastructure
Cable modem termination systems
UHF/VHF radio
Wireless infrastructure systems
Wireless local loop
WiMAX/broadband wireless access systems
FUNCTIONAL BLOCK DIAGRAM
TEMPERATURE
SENSOR
BIAS
VOUT
TEMP
ENBL
IBBP
IBBN
QBBP
QBBN
LOIP
LOIN
DIVIDE-BY-2
QUADRATURE
PHASE
SPLITTER
Figure 1.
GENERAL DESCRIPTION
The ADL5385 is a silicon, monolithic, quadrature modulator
designed for use from 30 MHz to 2200 MHz. Its excellent phase
accuracy and amplitude balance enable both high performance
intermediate frequency (IF) and direct radio frequency (RF)
modulation for communication systems.
The ADL5385 takes the signals from two differential baseband
inputs and modulates them onto two carriers in quadrature
with each other. The two internal carriers are derived from a
single-ended, external local oscillator input signal at twice the
frequency as the desired carrier output. The two modulated
signals are summed together in a differential-to-single-ended
amplifier designed to drive 50 Ω loads.
The ADL5385 can be used as either an IF or a direct-to-RF
modulator in digital communication systems. The wide
baseband input bandwidth allows for either baseband drive or
drive from a complex IF. Typical applications are in radio-link
transmitters, cable modem termination systems, and broadband
wireless access systems.
The ADL5385 is fabricated using the Analog Devices, Inc.,
advanced silicon germanium bipolar process and is packaged in
a 24-lead, RoHS-compliant LFCSP_VQ with exposed paddle.
Performance is specified over –40°C to +85°C. A RoHS-
compliant evaluation board is also available.
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADL5385_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5385-EVALZ AD-ADL5385-EVALZ Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
ADL5385ACPZ-R2 AD-ADL5385ACPZ-R2 Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
ADL5385ACPZ-R7 AD-ADL5385ACPZ-R7 Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
ADL5385ACPZ-WP AD-ADL5385ACPZ-WP Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
More results

Similar Description - ADL5385_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5385 AD-ADL5385 Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
   400 MHz to 1250 MHz Quadrature Modulator
REV. 0
ADRF6750ACPZ-R7 AD-ADRF6750ACPZ-R7 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator
REV. A
ADL5372ACPZ-R7 AD-ADL5372ACPZ-R7 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5374 AD-ADL5374_15 Datasheet
862Kb / 20P
   3000 MHz to 4000 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
ADRF6704 AD-ADRF6704 Datasheet
1Mb / 36P
   2050 MHz to 3000 MHz Quadrature Modulator
REV. 0
ADRF6702ACPZ-R7 AD-ADRF6702ACPZ-R7 Datasheet
1Mb / 36P
   1200 MHz to 2400 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com