Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5385 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5385
Description  30 MHz to 2200 MHz Quadrature Modulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5385_15 Datasheet HTML 5Page - Analog Devices ADL5385_15 Datasheet HTML 6Page - Analog Devices ADL5385_15 Datasheet HTML 7Page - Analog Devices ADL5385_15 Datasheet HTML 8Page - Analog Devices ADL5385_15 Datasheet HTML 9Page - Analog Devices ADL5385_15 Datasheet HTML 10Page - Analog Devices ADL5385_15 Datasheet HTML 11Page - Analog Devices ADL5385_15 Datasheet HTML 12Page - Analog Devices ADL5385_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Data Sheet
ADL5385
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, VS = 5 V; TA = 25°C; LO = −7 dBm; I/Q inputs = 1.4 V p-p differential sine waves in quadrature on a 500 mV dc bias;
baseband frequency = 1 MHz; LO source and RF output load impedances are 50 Ω.
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
50
550
1050
1550
2050
OUTPUT FREQUENCY (MHz)
VS = 5.5V
VS = 5.V
VS = 4.75V
Figure 3. Single Sideband (SSB) Output Power (POUT) vs. Output Frequency
and Power Supply
0
1
2
3
4
5
6
7
8
50
550
1050
1550
2050
OUTPUT FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 4. Single Sideband (SSB) Output Power (POUT) vs. Output Frequency
and Temperature
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
10M
100M
1G
BASEBAND FREQUENCY (Hz)
Figure 5. Baseband Frequency Response Normalized to Response for 1 MHz
BB Signal; Carrier Frequency = 500 MHz
4
5
6
7
8
9
10
11
12
13
14
50
550
1050
1550
2050
OUTPUT FREQUENCY (MHz)
VS = 5.5V
VS = 5.V
VS = 4.75V
Figure 6. Output 1 dB Compression Point (OP1dB) vs. Output Frequency
and Power Supply
0
2
4
6
8
10
12
14
50
550
1050
1550
2050
OUTPUT FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 7. Output 1 dB Compression Point (OP1dB) vs. Output Frequency
and Temperature
–90
–80
–70
–60
–50
–40
–30
–20
2.5
2.0
3.0
3.5
4.0
4.5
5.0
5.5
OUTPUT FREQUENCY (MHz)
30
40
50
60
70
80
90
100
110
120
130
140
SSB OUTPUT POWER (dBm)
CARRIER FEEDTHROUGH (dBm)
THIRD-ORDER DISTORTION (dBc)
SIDEBAND SUPPRESSION (dBc)
SECOND-ORDER DISTORION (dBc)
Figure 8. SSB Output Power, Second- and Third-Order Distortion,
Carrier Feedthrough, and Sideband Suppression vs. Output Frequency;
LO Amplitude = 0 dBm
Rev. B | Page 9 of 26


Similar Part No. - ADL5385_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5385-EVALZ AD-ADL5385-EVALZ Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
ADL5385ACPZ-R2 AD-ADL5385ACPZ-R2 Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
ADL5385ACPZ-R7 AD-ADL5385ACPZ-R7 Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
ADL5385ACPZ-WP AD-ADL5385ACPZ-WP Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
More results

Similar Description - ADL5385_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5385 AD-ADL5385 Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
   400 MHz to 1250 MHz Quadrature Modulator
REV. 0
ADRF6750ACPZ-R7 AD-ADRF6750ACPZ-R7 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator
REV. A
ADL5372ACPZ-R7 AD-ADL5372ACPZ-R7 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5374 AD-ADL5374_15 Datasheet
862Kb / 20P
   3000 MHz to 4000 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
ADRF6704 AD-ADRF6704 Datasheet
1Mb / 36P
   2050 MHz to 3000 MHz Quadrature Modulator
REV. 0
ADRF6702ACPZ-R7 AD-ADRF6702ACPZ-R7 Datasheet
1Mb / 36P
   1200 MHz to 2400 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com