Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP48410 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HSP48410
Description  Histogrammer/Accumulating Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP48410 Datasheet(HTML) 1 Page - Intersil Corporation

  HSP48410 Datasheet HTML 1Page - Intersil Corporation HSP48410 Datasheet HTML 2Page - Intersil Corporation HSP48410 Datasheet HTML 3Page - Intersil Corporation HSP48410 Datasheet HTML 4Page - Intersil Corporation HSP48410 Datasheet HTML 5Page - Intersil Corporation HSP48410 Datasheet HTML 6Page - Intersil Corporation HSP48410 Datasheet HTML 7Page - Intersil Corporation HSP48410 Datasheet HTML 8Page - Intersil Corporation HSP48410 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
File Number
3185.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
HSP48410
Histogrammer/Accumulating Buffer
The Intersil HSP48410 is an 84 lead Histogrammer IC
intended for use in image and signal analysis. The on-board
memory is configured as 1024 x 24 array. This translates to
a pixel resolution of 10 bits and an image size of 4k x 4k with
no possibility of overflow.
In addition to Histogramming, the HSP48410 can generate
and store the Cumulative Distribution Function for use in
Histogram Equalization applications. Other capabilities of
the HSP48410 include: Bin Accumulation, Look Up Table,
24-bit Delay Memory, and Delay and Subtract mode.
A Flash Clear pin is available in all modes of operation and
performs a single cycle reset on all locations of the internal
memory array and all internal data paths.
The HSP48410 includes a fully asynchronous interface
which provides a means for communications with a host,
such as a microprocessor. The interface includes dedicated
Read/Write pins and an address port which are
asynchronous to the system clock. This allows random
access of the Histogram Memory Array for analysis or
conditioning of the stored data.
Features
• 10-Bit Pixel Data
• 4k x 4k Frame Sizes
• Asynchronous Flash Clear Pin
• Single Cycle Memory Clear
• Fully Asynchronous 16 or 24-Bit Host Interface
• Generates and Stores Cumulative Distribution Function
• Look Up Table Mode
• 1024 x 24-Bit Delay Memory
• 24-Bit Three State I/O Bus
• DC to 40MHz Clock Rate
Applications
• Histogramming
• Histogram Equalization
• Image and Signal Analysis
• Image Enhancement
• RGB Video Delay Line
Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HSP48410JC-33
0 to 70
84 Ld PLCC
N84.1.15
HSP48410JC-40
0 to 70
84 Ld PLCC
N84.1.15
HSP48410GC-33
0 to 70
84 Ld PGA
G84.A
HSP48410GC-40
0 to 70
84 Ld PGA
G84.A
HISTOGRAM
ADDRESS
DIO
DIN0-23
PIN0-9
IOADD0-9
DIO0-23
GENERATOR
INTERACE
DATA
IN
ADDRESS
DATA
MEMORY
ARRAY
OUT
ADDER
MUX
24
24
24
10
24
10
10
Data Sheet
May 1999


Similar Part No. - HSP48410

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP48410 INTERSIL-HSP48410 Datasheet
259Kb / 11P
   Histogrammer/Accumulating Buffer
HSP48410/883 INTERSIL-HSP48410/883 Datasheet
179Kb / 10P
   Histogrammer/Accumulating Buffer
HSP48410883 INTERSIL-HSP48410883 Datasheet
179Kb / 10P
   Histogrammer/Accumulating Buffer
HSP48410GM-25/883 INTERSIL-HSP48410GM-25/883 Datasheet
179Kb / 10P
   Histogrammer/Accumulating Buffer
HSP48410GM-33/883 INTERSIL-HSP48410GM-33/883 Datasheet
179Kb / 10P
   Histogrammer/Accumulating Buffer
More results

Similar Description - HSP48410

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP48410883 INTERSIL-HSP48410883 Datasheet
179Kb / 10P
   Histogrammer/Accumulating Buffer
HSP48410 INTERSIL-HSP48410_04 Datasheet
259Kb / 11P
   Histogrammer/Accumulating Buffer
logo
LOGIC Devices Incorpora...
LF48410 LODEV-LF48410 Datasheet
302Kb / 15P
   1024 x 24-bit Video Histogrammer
logo
ON Semiconductor
MC74VHC1G50 ONSEMI-MC74VHC1G50 Datasheet
184Kb / 8P
   Buffer
February, 2000 ??Rev. 0
MC74VHC1G50DFT1G ONSEMI-MC74VHC1G50DFT1G Datasheet
260Kb / 8P
   Buffer
March, 2006 -- Rev. 12
logo
Minilogic Device Corpor...
ML74UL34 MINILOGIC-ML74UL34 Datasheet
119Kb / 3P
   Buffer
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_18 Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
MC74VHC1G50 ONSEMI-MC74VHC1G50_V01 Datasheet
176Kb / 15P
   Buffer
April, 2022 ??Rev. 18
MC74VHC1G50DTT1G ONSEMI-MC74VHC1G50DTT1G Datasheet
250Kb / 8P
   Buffer
March, 2006 -- Rev. 12
MC74VHC1G50 ONSEMI-MC74VHC1G50_06 Datasheet
254Kb / 8P
   Buffer
March, 2006 -- Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com