Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP48901 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HSP48901
Description  3 x 3 Image Filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP48901 Datasheet(HTML) 1 Page - Intersil Corporation

  HSP48901 Datasheet HTML 1Page - Intersil Corporation HSP48901 Datasheet HTML 2Page - Intersil Corporation HSP48901 Datasheet HTML 3Page - Intersil Corporation HSP48901 Datasheet HTML 4Page - Intersil Corporation HSP48901 Datasheet HTML 5Page - Intersil Corporation HSP48901 Datasheet HTML 6Page - Intersil Corporation HSP48901 Datasheet HTML 7Page - Intersil Corporation HSP48901 Datasheet HTML 8Page - Intersil Corporation HSP48901 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
File Number
2459.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
HSP48901
3 x 3 Image Filter
The Intersil HSP48901 is a high speed 9-Tap FIR Filter
which utilizes 8-bit wide data and coefficients. It can be
configured as a one dimensional (1-D) 9-Tap filter for a
variety of signal processing applications, or as a two
dimensional (2-D) filter for image processing. In the 2-D
configuration, the device is ideally suited for implementing 3
x 3 kernel convolution. The 30MHz clock rate allows a large
number of image sizes to be processed within the required
frame time for real-time video.
Data is provided to the HSP48901 through the use of
programmable data buffers such as the HSP9500 or any
other Programmable Shift Register. Coefficient and pixel
input data are 8-bit signed or unsigned integers, and the
20-bit extended output guarantees no overflow will occur
during the filtering operation.
There are two internal register banks for storing independent
3 x 3 filter kernels, thus, facilitating the implementation of
adaptive filters and multiple filter operations on the same
data.
The configuration of the HSP48901 Image Filter is controlled
through a standard microprocessor interface and all inputs
and outputs are TTL compatible.
Features
• DC to 30MHz Clock Rate
• Configurable for 1-D and 2-D Correlation/Convolution
• Dual Coefficient Mask Registers, Switchable in a Single
Clock Cycle
• Two’s Complement or Unsigned 8-Bit Input Data and
Coefficients
• 20-Bit Extended Precision Output
• Standard
µP Interface
Applications
• Image Filtering
• Edge Detection/Enhancement
• Pattern Matching
• Real Time Video Filters
Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HSP48901JC-20
0 to 70
68 Ld PLCC
N68.95
HSP48901JC-30
0 to 70
68 Ld PLCC
N68.95
HSP48901GC-20
0 to 70
68 Ld PGA
G68.A
HSP48901GC-30
0 to 70
68 Ld PGA
G68.A
Z-1
Z-1
Z-1
Z-1
Z-1
Z-1
Z-1
Z-1
Z-1
Z-1
2:1
Z-1
Z-1
Z-1
Z-1
2:1
Z-1
Z-1
Z-1
Z-1
ADDRESS
DECODER
CONTROL
LOGIC
CLOCK
GEN
CLK
HOLD
3
CIN0-7
DIN1 (0-7)
DIN2 (0-7)
DIN3 (0-7)
A0-2
FRAME
LD
A
B
C
D
E
F
G
H
I
DOUT 0-19
CLOCK
INTERNAL
MODE
MODE
+
+
+
+
Z-1
Z-1
Z-1
Z-1
Z-1
Data Sheet
May 1999


Similar Part No. - HSP48901

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP48901 INTERSIL-HSP48901 Datasheet
146Kb / 8P
   3 x 3 Image Filter
logo
Renesas Technology Corp
HSP48901 RENESAS-HSP48901 Datasheet
305Kb / 8P
   3 x 3 Image Filter
July 2004
logo
Intersil Corporation
HSP48901JC-30 INTERSIL-HSP48901JC-30 Datasheet
146Kb / 8P
   3 x 3 Image Filter
logo
Renesas Technology Corp
HSP48901JC-30 RENESAS-HSP48901JC-30 Datasheet
305Kb / 8P
   3 x 3 Image Filter
July 2004
logo
Intersil Corporation
HSP48901 INTERSIL-HSP48901_04 Datasheet
146Kb / 8P
   3 x 3 Image Filter
More results

Similar Description - HSP48901

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP48901 INTERSIL-HSP48901_04 Datasheet
146Kb / 8P
   3 x 3 Image Filter
logo
Renesas Technology Corp
HSP48901 RENESAS-HSP48901 Datasheet
305Kb / 8P
   3 x 3 Image Filter
July 2004
logo
NEC
UPD8891 NEC-UPD8891 Datasheet
297Kb / 32P
   (5340 x 5340) PIXELS x 3 2670 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3788 NEC-UPD3788 Datasheet
197Kb / 24P
   7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8871 NEC-UPD8871 Datasheet
168Kb / 24P
   10680 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3719 NEC-UPD3719 Datasheet
147Kb / 20P
   10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3728 NEC-UPD3728 Datasheet
154Kb / 24P
   7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3778 NEC-UPD3778 Datasheet
122Kb / 24P
   10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3768 NEC-UPD3768 Datasheet
185Kb / 24P
   7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3725A NEC-UPD3725A Datasheet
183Kb / 22P
   5000-BIT x 3 CCD COLOR LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com