Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP45256JI-33 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HSP45256JI-33
Description  Binary Correlator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP45256JI-33 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HSP45256JI-33 Datasheet HTML 5Page - Intersil Corporation HSP45256JI-33 Datasheet HTML 6Page - Intersil Corporation HSP45256JI-33 Datasheet HTML 7Page - Intersil Corporation HSP45256JI-33 Datasheet HTML 8Page - Intersil Corporation HSP45256JI-33 Datasheet HTML 9Page - Intersil Corporation HSP45256JI-33 Datasheet HTML 10Page - Intersil Corporation HSP45256JI-33 Datasheet HTML 11Page - Intersil Corporation HSP45256JI-33 Datasheet HTML 12Page - Intersil Corporation HSP45256JI-33 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
Weight and Sum Logic
The Weight and Sum Logic provides the bit weighting and
the final correlator score from the eight stages of the
correlation array. For a 1 x 256 1-D configuration, the outputs
of each of the stages are given a weight of 1 and then added
together. In a 8 x 32 (8-bit data) configuration, the output of
each stage will be shifted so that the output data represents
an 8-bit word, with stage seven being the MSB.
The 13-bit Offset Register is loaded from the control data
bus. Its output is added to the correlation score obtained
from the correlator array. This sum then goes to the
programmable delay register data input.
When the chip is configured as dual correlators, the user has
the capability of loading two different offset values, one for
each of the two correlators.
The Programmable Delay Register sets the number of
pipeline stages between the output of the weight and sum
logic and the input of the Cascade Summer. This delay
register is used to align the correlation scores of multiple
correlators in HSP45256 cascaded configurations (see
Applications Section). The number of delays is
programmable from 1 to 16, allowing for up to 16 correlators
to be cascaded. When the HSP45256 is configured as dual
correlators, the delay must be set to 0000, which specifies a
delay of 1.
Cascade Summer
The Cascade Summer is used for cascading several
correlator chips together. The value present on this bus
represents the correlation score from the previous
HSP45256 that will be summed with the current score to
provide the final correlation score. When several correlator
chips are cascaded, the CASOUT0-12 of each correlator is
connected to the CASIN0-12 of the next correlator in the
chain. The CASIN0-12 of the first chip is tied low. The
following function represents the correlation score present
on CASOUT0-12 of each correlator:
CASOUT(n) = (W7 x CO7)(n-Delay) + (W6 x CO6)(n-Delay) +
(W5 x CO5)(n-Delay) + (W4 x CO4)(n-Delay) +
(W3 x CO3)(n-Delay) + (W2 x CO2)(n-Delay) +
(W1 x CO1)(n-Delay) + (W0 x CO0)(n-Delay) +
Offset (n-Delay) + CASIN.
where:
CO0-CO7 are the correlation score outputs out of the
correlation stages; W0-W7 is the weight given to each stage;
n-Delay represents the delay on the weighted and summed
correlation score through the Programmable Delay Register;
Offset is the value programmed into the Offset register;
CASIN is the cascade input.
Control Registers
The 3-bit address value, A0-2, is used to determine which
internal register will be loaded with the data on DCONT0-7.
The function is initiated when CLOAD is brought low, and the
register is loaded on the rising edge of CLOAD. Table 1
indicates the function associated with each address. Tables
2 - 8 define the function of the bits in each of the control
registers.
TABLE 1. ADDRESS MAPPING
A2
A1
A0
DESTINATION
0
0
0
Mask Register
0
0
1
Configuration Register
0
1
0
Offset Register A-Most Significant Bits
0
1
1
Offset Register A-Least Significant Bits
1
0
0
Programmable Delay Register
1
0
1
Offset Register B-Most Significant Bits
1
1
0
Offset Register B-Least Significant Bits
1
1
1
Reserved
HSP45256


Similar Part No. - HSP45256JI-33

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45256/883 INTERSIL-HSP45256/883 Datasheet
207Kb / 9P
   Binary Correlator
HSP45256883 INTERSIL-HSP45256883 Datasheet
207Kb / 9P
   Binary Correlator
HSP45256GM-20/883 INTERSIL-HSP45256GM-20/883 Datasheet
207Kb / 9P
   Binary Correlator
HSP45256GM-25/883 INTERSIL-HSP45256GM-25/883 Datasheet
207Kb / 9P
   Binary Correlator
More results

Similar Description - HSP45256JI-33

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45256883 INTERSIL-HSP45256883 Datasheet
207Kb / 9P
   Binary Correlator
logo
Motorola, Inc
MCS38140PG05C MOTOROLA-MCS38140PG05C Datasheet
188Kb / 10P
   GPS Digital Correlator
logo
Mitel Networks Corporat...
GP2021 MITEL-GP2021 Datasheet
372Kb / 62P
   GPS 12 channel Correlator Advance Information
logo
Motorola, Inc
MPG1654 MOTOROLA-MPG1654 Datasheet
204Kb / 6P
   Binary Counter
logo
M/A-COM Technology Solu...
906R5K-SP03 MA-COM-906R5K-SP03 Datasheet
577Kb / 3P
   Binary Capacitor
logo
ON Semiconductor
MC10178 ONSEMI-MC10178_02 Datasheet
112Kb / 8P
   Binary Counter
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC5027BP TOSHIBA-TC5027BP Datasheet
197Kb / 4P
   BINARY COUNTER
logo
ON Semiconductor
MC10178 ONSEMI-MC10178 Datasheet
109Kb / 5P
   Binary Counter
1996 REV 5
logo
Motorola, Inc
MC10154 MOTOROLA-MC10154 Datasheet
85Kb / 4P
   Binary Counter
logo
Zarlink Semiconductor I...
GP1020 ZARLINK-GP1020 Datasheet
345Kb / 44P
   SIX-CHANNEL PARALLEL CORRELATOR CIRCUIT FOR GPS OR GLONASS RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com