Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP48901JC-30 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HSP48901JC-30
Description  3 x 3 Image Filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP48901JC-30 Datasheet(HTML) 3 Page - Intersil Corporation

  HSP48901JC-30 Datasheet HTML 1Page - Intersil Corporation HSP48901JC-30 Datasheet HTML 2Page - Intersil Corporation HSP48901JC-30 Datasheet HTML 3Page - Intersil Corporation HSP48901JC-30 Datasheet HTML 4Page - Intersil Corporation HSP48901JC-30 Datasheet HTML 5Page - Intersil Corporation HSP48901JC-30 Datasheet HTML 6Page - Intersil Corporation HSP48901JC-30 Datasheet HTML 7Page - Intersil Corporation HSP48901JC-30 Datasheet HTML 8Page - Intersil Corporation HSP48901JC-30 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Pin Descriptions
NAME
PLCC PIN
TYPE
DESCRIPTION
VCC
9, 27, 45, 61
The +5V power supply pins. 0.1
µF capacitors between the VCC and GND pins are
recommended.
GND
18, 29, 38, 56
The device ground.
CLK
28
I
Input and System clock. Operations are synchronous with the rising edge of this clock signal.
DIN1(7-0)
1-8
I
Pixel Data Input Bus #1. These inputs are used to provide 8-bit pixel data to the HSP48901.
The data must be provided in a synchronous fashion, and is latched on the rising edge of the
CLK signal. The DIN1(0-7) inputs are also used to input data when operating in the 9-Tap
FIR mode.
DIN2(7-0)
10-17
I
Pixel Data Input Bus #2. Same as above. These inputs should be grounded when operating
in the 1D mode.
DIN3(7-0)
19-26
I
Pixel Data Input Bus #3. Same as above. These inputs should be grounded when operating
in the 1D mode.
CIN7-0
30-37
I
Coefficient Data Input Bus. This input bus is used to load the Coefficient Mask Register(s)
and the Initialization Register. The register to be loaded is defined by the register address
bits A0-2. The CIN0-7 data is loaded to the addressed register through the use of the LD
input.
DOUT19-0
46-55, 57-60,
62-67
O
Output Data Bus. This 20-Bit output port is used to provide the convolution result. The result
is the sum of products of the input data samples and their corresponding coefficients.
FRAME
44
I
FRAME is an asynchronous new frame or vertical sync input. A low on this input resets all
internal circuitry except for the Coefficient and INT Registers. Thus, after a FRAME reset has
occurred, a new frame of pixels may be convolved without reloading these registers.
HOLD
40
I
The Hold Input is used to gate the clock from all of the internal circuitry of the HSP48901.
This signal is synchronous, is sampled on the rising edge of CLK and takes effect on the
following cycle. While this signal is active (high), the clock will have no effect on the
HSP48901 and internal data will remain undisturbed.
A2-0
41-43
I
Control Register Address. These lines are decoded to determine which register in the control
logic is the destination for the data on the CIN0-7 inputs. Register loading is controlled by
the A0-2 and LD inputs.
LD
39
I
Load Strobe. LD is used for loading the Internal Registers of the HSP48901. The rising edge
of LD will latch the CIN0-7 data into the register specified by A0-2. The Address on A0-2
must be setup with respect to the falling edge of LD and must be held with respect to the
rising edge of LD.
HSP48901


Similar Part No. - HSP48901JC-30

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP48901JC-30 INTERSIL-HSP48901JC-30 Datasheet
146Kb / 8P
   3 x 3 Image Filter
logo
Renesas Technology Corp
HSP48901JC-30 RENESAS-HSP48901JC-30 Datasheet
305Kb / 8P
   3 x 3 Image Filter
July 2004
More results

Similar Description - HSP48901JC-30

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP48901 INTERSIL-HSP48901_04 Datasheet
146Kb / 8P
   3 x 3 Image Filter
logo
Renesas Technology Corp
HSP48901 RENESAS-HSP48901 Datasheet
305Kb / 8P
   3 x 3 Image Filter
July 2004
logo
NEC
UPD8891 NEC-UPD8891 Datasheet
297Kb / 32P
   (5340 x 5340) PIXELS x 3 2670 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3788 NEC-UPD3788 Datasheet
197Kb / 24P
   7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8871 NEC-UPD8871 Datasheet
168Kb / 24P
   10680 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3719 NEC-UPD3719 Datasheet
147Kb / 20P
   10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3728 NEC-UPD3728 Datasheet
154Kb / 24P
   7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3778 NEC-UPD3778 Datasheet
122Kb / 24P
   10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3768 NEC-UPD3768 Datasheet
185Kb / 24P
   7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3725A NEC-UPD3725A Datasheet
183Kb / 22P
   5000-BIT x 3 CCD COLOR LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com