Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50016JC-75 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HSP50016JC-75
Description  Digital Down Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50016JC-75 Datasheet(HTML) 4 Page - Intersil Corporation

  HSP50016JC-75 Datasheet HTML 1Page - Intersil Corporation HSP50016JC-75 Datasheet HTML 2Page - Intersil Corporation HSP50016JC-75 Datasheet HTML 3Page - Intersil Corporation HSP50016JC-75 Datasheet HTML 4Page - Intersil Corporation HSP50016JC-75 Datasheet HTML 5Page - Intersil Corporation HSP50016JC-75 Datasheet HTML 6Page - Intersil Corporation HSP50016JC-75 Datasheet HTML 7Page - Intersil Corporation HSP50016JC-75 Datasheet HTML 8Page - Intersil Corporation HSP50016JC-75 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
DDC Functional Block Diagram
PHASE
COEFFICIENT
ROM
MULTIPLIER/
ACCUMULATOR
FORMATTER
Q
CCLK
I
DECODER
IQCLK
IQSTB
18
DATA0-15
FIR SECTION
HDF
SCALING
MULTIPLIER
CSTB
CS
CDATA
RESET
TDO
TCLK
TMS
TDI
TRST
TEST ACCESS PORT
18
SCALE
FACTOR
IQSTRT
CLK
MULTIPLIER/
ACCUMULATOR
DATA
RAM
HDF
INPUT
GENERATOR
IEEE 1149.1
MIXER
SECTION
SECTION
LOCAL OSCILLATOR
SHIFTER
CONTROL
BUFFERS
CONTROL
REGISTERS
0
1
2
7
1
2
7
DQ
DQ
22
SHIFT
REGISTER
PHASE WORD
SIN
COS
17
17
18
18
17
17
17
17
18
16
SIN/COS
GENERATOR
DATA
RAM
HDF
SHIFTER
REGISTER
SHIFT
REGISTER
FIGURE 1. FUNCTIONAL BLOCK DIAGRAM
CLKSER = IQCLK
CLK
CLK
R
(PARALLEL
TO SERIAL
CONVERTER
AND BUFFER)
INPUT
MIN PHASE INCR
DELTA PHASE INCR
PHASE OFFSET
MAX PHASE INCR
MODE
FORMAT
HDF
SHIFT
SCALING
MULTIPLIER
GAIN
WAIT FOR RAM FULL
OUTPUT FORMAT
TIME SLOT LENGTH
NUMBER OF OUTPUT BITS
OUTPUT SENSE
I FOLLOWED BY Q
TIME SLOT NUMBER
IQCLK POLARITY
IQCLK DUTY CYCLE
IQCLK DURATION
IQCLK THREE-STATE CTL
IQSTRB POLARITY
IQSTRB LOCATION
IQSTRB THREE-STATE CTRL
I POLARITY AND THREE-STATE CTRL
Q POLARITY AND THREE-STATE CTRL
IQ CLK RATE
TEST ENABLE AND CONTROL SIGNALS
† Indicates parameters from control registers.
CONTROL
PARAMETERS
HDF
DECIMATION
COUNTER PRELOAD (DCP)
CLK
4R


Similar Part No. - HSP50016JC-75

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50016JC-75 INTERSIL-HSP50016JC-75 Datasheet
259Kb / 30P
   Digital Down Converter
HSP50016JC-75 INTERSIL-HSP50016JC-75 Datasheet
259Kb / 30P
   Digital Down Converter
September 2000
logo
Renesas Technology Corp
HSP50016JC-75 RENESAS-HSP50016JC-75 Datasheet
780Kb / 31P
   Digital Down Converter
Aug 4, 2016
More results

Similar Description - HSP50016JC-75

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016_00 Datasheet
259Kb / 30P
   Digital Down Converter
HSP50016JC-52 INTERSIL-HSP50016JC-52 Datasheet
259Kb / 30P
   Digital Down Converter
September 2000
logo
Renesas Technology Corp
HSP50016 RENESAS-HSP50016 Datasheet
780Kb / 31P
   Digital Down Converter
Aug 4, 2016
logo
Texas Instruments
GC5016 TI-GC5016 Datasheet
760Kb / 88P
[Old version datasheet]   WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
logo
Sanyo Semicon Device
LA7784FN SANYO-LA7784FN Datasheet
255Kb / 8P
   For Digital CATV Down Converter IC
logo
Sony Corporation
CXA3556N SONY-CXA3556N Datasheet
142Kb / 13P
   IF Down Converter for Digital Broadcast
logo
Analog Devices
AD6636 AD-AD6636 Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
   LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
logo
M/A-COM Technology Solu...
MAIA-007495-000100 MA-COM-MAIA-007495-000100 Datasheet
105Kb / 5P
   Down Converter
MADC-011010 MA-COM-MADC-011010 Datasheet
1Mb / 18P
   Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com