Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5541 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5541
Description  50 MHz to 6 GHz RF/IF Gain Block
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5541 Datasheet(HTML) 1 Page - Analog Devices

  ADL5541_15 Datasheet HTML 1Page - Analog Devices ADL5541_15 Datasheet HTML 2Page - Analog Devices ADL5541_15 Datasheet HTML 3Page - Analog Devices ADL5541_15 Datasheet HTML 4Page - Analog Devices ADL5541_15 Datasheet HTML 5Page - Analog Devices ADL5541_15 Datasheet HTML 6Page - Analog Devices ADL5541_15 Datasheet HTML 7Page - Analog Devices ADL5541_15 Datasheet HTML 8Page - Analog Devices ADL5541_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
50 MHz to 6 GHz
RF/IF Gain Block
Data Sheet
ADL5541
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fixed gain of 15 dB
Operation up to 6 GHz
Input/output internally matched to 50 Ω
Integrated bias control circuit
Output IP3
44 dBm at 500 MHz
40 dBm at 900 MHz
Output 1 dB compression: 19.7 dBm at 900 MHz
Noise figure of 3.5 dB at 900 MHz
Single 5 V power supply
Small footprint 8-lead LFCSP
Pin compatible with 20 dB gain ADL5542
1 kV ESD (Class 1C)
FUNCTIONAL BLOCK DIAGRAM
2
GND
7
GND
1
RFIN
8
RFOUT
3
GND
6
GND
4
CB
5
VPOS
INPUT
MATCH
OUTPUT
MATCH
BIAS CONTROL
ADL5541
Figure 1.
GENERAL DESCRIPTION
The ADL5541 is a broadband 15 dB linear amplifier that operates
at frequencies up to 6 GHz. The device can be used in a wide
variety of CATV, cellular, and instrumentation equipment.
The ADL5541 provides a gain of 15 dB, which is stable over
frequency, temperature, power supply, and from device to
device. The device is internally matched to 50 Ω with an input
return loss of 10 dB or better up to 6 GHz. Only input/output
ac coupling capacitors, power supply decoupling capacitors, and
an external inductor are required for operation.
The ADL5541 is fabricated on an InGaP HBT process and has
an ESD rating of 1 kV (Class 1C). The device is packaged in a
3 mm × 3 mm LFCSP that uses an exposed paddle for excellent
thermal impedance.
The ADL5541 consumes 90 mA on a single 5 V supply and is
fully specified for operation from −40°C to +85°C.
A fully populated RoHS-compliant evaluation board is
available.
The ADL5542 is a companion part that offers a gain of 20 dB in
a pin-compatible package.


Similar Part No. - ADL5541_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5541 AD-ADL5541_1 Datasheet
268Kb / 13P
   RF/IF Gain Block
More results

Similar Description - ADL5541_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5544 AD-ADL5544 Datasheet
418Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5610 AD-ADL5610 Datasheet
339Kb / 16P
   30 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5545 AD-ADL5545 Datasheet
414Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5536 AD-ADL5536 Datasheet
307Kb / 16P
   20 MHz to 1.0 GHz IF Gain Block
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com