Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50215 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HSP50215
Description  Digital UpConverter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50215 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HSP50215 Datasheet HTML 6Page - Intersil Corporation HSP50215 Datasheet HTML 7Page - Intersil Corporation HSP50215 Datasheet HTML 8Page - Intersil Corporation HSP50215 Datasheet HTML 9Page - Intersil Corporation HSP50215 Datasheet HTML 10Page - Intersil Corporation HSP50215 Datasheet HTML 11Page - Intersil Corporation HSP50215 Datasheet HTML 12Page - Intersil Corporation HSP50215 Datasheet HTML 13Page - Intersil Corporation HSP50215 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
3-431
Carrier NCO
The Carrier NCO provides the quadrature local oscillator
references for the Vector Modulator/Mixer. The Carrier NCO
input carrier frequency control word has 32 bits of resolution.
The block diagram is shown in Figure 10.
The carrier frequency is a single buffered 32-bit frequency
control, loaded 16 bits at a time into Control Words 4 and 5.
Since the DUC requires two loads, there is a possibility of a
phase glitch.
The Carrier NCO is disabled during a RST assertion or a
reset caused by writing to CW21. The Carrier NCO stays
disabled until a sync assertion is detected independent of
the initiating sync source (SYNCIN or WR CW3). The Carrier
NCO is also disabled by programming a zero in Control
Word 16 bit 3. This bit freezes the NCO and also disables
the output of the modulator.
To avoid the phase glitch, noted above, the phase
accumulator can be disabled at reset, and the frequency can
be pre-loaded prior to asserting sync.
The maximum error is 52MHz/(232) = 0.012Hz for the
commercial part and 0.011Hz for the industrial part. The
carrier frequency can be calculated from the value loaded
into Control Address 4 and 5 by:
where CR(31:0) is the 32-bit frequency control word which can
range from -231 to ~231 for a NCO output range of -fCLK/2 to
~fCLK/2. fCLK is the REFCLK frequency.
This NCO frequency range allows for spectral inversion.
Given a desired carrier frequency, the value for CR(31:0)
loaded into the part can be calculated by:
where INT[X] is the integer part of the real number X.
The most significant 18 bits of the 32-bit phase word from
the Carrier NCO drives a Sin/Cos generator. Eighteen bit
resolution is supplied on the sinusoid outputs.
Assertion of RST stops the Carrier NCO and clears the
accumulator contents. It is held disabled until a SYNCIN or
write to Control Word 3 generates an EnNCO signal to
restart the NCO.
Vector Modulator/Mixer
The frequency resolution of the vector modulator is 32 bits.
The conceptual block diagram of the Vector Modulator/Mixer
is shown in Figure 11. The modulator operates at maximum
frequency of 52MHz (commercial). The mixer takes the
sin/cos terms generated by the carrier NCO sin/cos
generator and mixes it with the input data lines I and Q. The
resulting output is given by
NOTE: There is no overflow protection provided at the output of
the modulator summer, so care must be taken to ensure
that the input signals are scaled prior to input to prevent
overflow.
The mixers can be bypassed by programming Control Words
4 and 5 to zero, which sets COS = 1 and SIN = 0.
FIGURE 10. CARRIER NCO BLOCK DIAGRAM
32
SYNCIN
WR CW3
CARRIER
SIN/COS
SYNCSEL
† ALL REGISTERS ARE
CLOCKED AT REFLCK
GEN
EN OUT
FREQUENCY
18
18
TO
MODULATOR
OUTPUT
SIN COS
WR CW21
RST
RESET
GEN
EDGE
START
GEN
EDGE
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
R
E
G
>
EnNCO
ACC
REG
>
32
F
CARRIER
CR 31:0
() f
CLK
2
32
×
×
=
(EQ. 7)
CR 31:0
() INT F
C fCLK
*2
32 ]
[
=
(EQ. 8)
Output
I * cos
Q * sin
=
(EQ. 9)
FIGURE 11. VECTOR MODULATOR/MIXER BLOCK DIAGRAM
16
I(15:0)
SIN
16
Q(15:0)
COS
16
EN OUT
MOD(15:0)
18
18
+
-
HSP50215


Similar Part No. - HSP50215

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50215 INTERSIL-HSP50215 Datasheet
882Kb / 45P
   DSP Modulator Evaluation Board
HSP50215EVAL INTERSIL-HSP50215EVAL Datasheet
882Kb / 45P
   DSP Modulator Evaluation Board
More results

Similar Description - HSP50215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC5318 TI-GC5318 Datasheet
553Kb / 45P
[Old version datasheet]   HIGH-DENSITY DIGITAL UPCONVERTER
logo
Analog Devices
AD9163 AD-AD9163_17 Datasheet
2Mb / 126P
   RF DAC and Digital Upconverter
AD9957 AD-AD9957_18 Datasheet
1Mb / 61P
   1 GSPS Quadrature Digital Upconverter
AD9957 AD-AD9957_17 Datasheet
1Mb / 62P
   1 GSPS Quadrature Digital Upconverter
AD9856 AD-AD9856_15 Datasheet
966Kb / 36P
   CMOS 200 MHz Quadrature Digital Upconverter
REV. C
AD9856 AD-AD9856 Datasheet
429Kb / 32P
   CMOS 200 MHz Quadrature Digital Upconverter
REV. B
logo
Texas Instruments
GC5316 TI-GC5316 Datasheet
798Kb / 75P
[Old version datasheet]   HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
GC5316 TI1-GC5316_14 Datasheet
796Kb / 76P
[Old version datasheet]   HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
logo
Analog Devices
AD9856 AD-AD9856_17 Datasheet
749Kb / 37P
   CMOS 200 MHz Quadrature Digital Upconverter
AD9857 AD-AD9857 Datasheet
551Kb / 31P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com