Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50216KI Datasheet(PDF) 7 Page - Intersil Corporation

Part # HSP50216KI
Description  Four-Channel Programmable Digital DownConverter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50216KI Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HSP50216KI Datasheet HTML 3Page - Intersil Corporation HSP50216KI Datasheet HTML 4Page - Intersil Corporation HSP50216KI Datasheet HTML 5Page - Intersil Corporation HSP50216KI Datasheet HTML 6Page - Intersil Corporation HSP50216KI Datasheet HTML 7Page - Intersil Corporation HSP50216KI Datasheet HTML 8Page - Intersil Corporation HSP50216KI Datasheet HTML 9Page - Intersil Corporation HSP50216KI Datasheet HTML 10Page - Intersil Corporation HSP50216KI Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
7
Floating Point Input Mode Bit Mapping Tables
A, B, C or D(15:0) Input: 2^ - 0 1 2 3 4 5 6 7 8 9 10 11 12 13(exp2) 14(exp1) 15(exp0)
11-BIT MODE: 11-BIT MANTISSA (MINIMUM), 3-BIT EXPONENT, 30dB EXPONENT RANGE
EXPONENT
GAIN (dB)
PIN BIT WEIGHTING TO 16-BIT INPUT MAPPING, 2^-
000
0
000000123456789
10
001
6
00000123456789
10 11
010
12
0000123456789
10 11 12
011
18
000123456789
10 11 12
z
100
24
00123456789
10 11 12
z
z
101 (Note 1)
30
0123456789
10 11 12
z
z
z
NOTE:
1. Or 110 or 111, the exponent input saturates at 101.
12-BIT MODE: 12-BIT MANTISSA, 3-BIT EXPONENT, 24dB EXPONENT RANGE
EXPONENT
GAIN (dB)
PIN BIT WEIGHTING TO 16-BIT INPUT MAPPING, 2^-
000
0
00000123456789
10 11
001
6
0000123456789
10 11 12
010
12
000123456789
10 11 12
z
011
18
00123456789
10 11 12
z
z
100 (Note 2)
24
0123456789
10 11 12
z
z
z
NOTE:
2. Or 101, 110, or 111, the exponent input saturates at 100.
13-BIT MODE: 13-BIT MANTISSA, 3-BIT EXPONENT, 18dB EXPONENT RANGE
EXPONENT
GAIN (dB)
PIN BIT WEIGHTING TO 16-BIT INPUT MAPPING, 2^-
000
0
0000123456789
10 11 12
001
6
000123456789
10 11 12
z
010
12
00123456789
10 11 12
z
z
011 (Note 3)
18
0123456789
10 11 12
z
z
z
NOTE:
3. Or 100, 101, 110, or 111, the exponent input saturates at 011.
14-BIT MODE: 14-BIT MANTISSA, 2-BIT EXPONENT, 12dB EXPONENT RANGE
EXPONENT
GAIN (dB)
PIN BIT WEIGHTING TO 16-BIT INPUT MAPPING, 2^-
00
0
000123456789
10 11 12 13
01
6
00123456789
10 11 12 13
z
10 (Note 4)
12
0123456789
10 11 12 13
z
z
NOTE:
4. Or 11, the exponent input saturates at 10.
HSP50216


Similar Part No. - HSP50216KI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50216KI INTERSIL-HSP50216KI Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
HSP50216KI INTERSIL-HSP50216KI Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
More results

Similar Description - HSP50216KI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216_07 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
ISL5216 INTERSIL-ISL5216_05 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com