Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM561 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM561
Description  Notebook PC Serial Port Drivers/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM561 Datasheet(HTML) 3 Page - Analog Devices

  ADM561_15 Datasheet HTML 1Page - Analog Devices ADM561_15 Datasheet HTML 2Page - Analog Devices ADM561_15 Datasheet HTML 3Page - Analog Devices ADM561_15 Datasheet HTML 4Page - Analog Devices ADM561_15 Datasheet HTML 5Page - Analog Devices ADM561_15 Datasheet HTML 6Page - Analog Devices ADM561_15 Datasheet HTML 7Page - Analog Devices ADM561_15 Datasheet HTML 8Page - Analog Devices ADM561_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADM560/ADM561
Rev. B | Page 3 of 12
SPECIFICATIONS
VCC = +3.3 V ± 10%, C1 to C4 = 1 μF, all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Output Voltage Swing
±5.0
±5.5
V
VCC = 3.3 V, three transmitter outputs loaded with 3 kΩ to ground
±4
±4.5
V
VCC = 3.0 V, all transmitter outputs, loaded with 3 kΩ to ground
VCC Power Supply Current
3.5
5
mA
No load, TIN = VCC
3.5
5
mA
No load, TIN = GND
Shutdown Supply Current
0.2
5
μA
SHDN = GND (ADM560), SHDN = VCC (ADM561), TIN = VCC
Input Logic Threshold Low, VINL
0.4
V
TIN, EN, EN , SHDN, SHDN
Input Logic Threshold High, VINH
2.4
V
TIN, EN, EN, SHDN, SHDN
Logic Pull-Up Current
3
20
μA
TIN = GND
EIA-232 Input Voltage Range
–25
+25
V
EIA-232 Input Threshold Low
0.4
0.8
V
EIA-232 Input Threshold High
1.1
2.4
V
EIA-232 Input Hysteresis
0.3
V
EIA-232 Input Resistance
3
5
7
CMOS Output Voltage Low, VOL
0.4
V
IOUT = 1.6 mA
CMOS Output Voltage High, VOH
2.8
V
IOUT = −40 mA
CMOS Output Leakage Current
+0.05
±5
μA
EN = VCC, EN = GND, 0 V ≤ ROUT ≤ VCC
Output Enable Time
100
ns
Output Disable Time
50
ns
Receiver Propagation Delay
TPHL
0.1
1
μs
TPLH
0.5
2
μs
Transition Region Slew Rate
4.5
V/μs
RL = 3 kΩ, CL = 2500 pF measured from +3 V to −3 V or
−3 V to +3 V
Transmitter Output Resistance
300
Ω
VCC = V+ = V− = 0 V, VOUT = ±2 V
RS-232 Output Short-Circuit Current
±10
mA


Similar Part No. - ADM561_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM561JR AD-ADM561JR Datasheet
246Kb / 6P
   Ultralow Power, 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
REV. B
ADM561JR AD-ADM561JR Datasheet
247Kb / 12P
   Ultralow Power 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
REV. B
ADM561JR-REEL AD-ADM561JR-REEL Datasheet
247Kb / 12P
   Ultralow Power 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
REV. B
ADM561JRS AD-ADM561JRS Datasheet
246Kb / 6P
   Ultralow Power, 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
REV. B
ADM561JRS AD-ADM561JRS Datasheet
247Kb / 12P
   Ultralow Power 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
REV. B
More results

Similar Description - ADM561_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM560 AD-ADM560_15 Datasheet
247Kb / 12P
   Notebook PC Serial Port Drivers/Receivers
REV. B
ADM560 AD-ADM560 Datasheet
246Kb / 6P
   Ultralow Power, 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
REV. B
ADM560 AD-ADM560_06 Datasheet
247Kb / 12P
   Ultralow Power 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
REV. B
logo
Unisonic Technologies
UT3243A UTC-UT3243A Datasheet
278Kb / 10P
   DRIVERS/RECEIVERS
UT3223 UTC-UT3223_17 Datasheet
249Kb / 9P
   DRIVERS/RECEIVERS
UT3238 UTC-UT3238 Datasheet
203Kb / 10P
   LINE DRIVERS/RECEIVERS
logo
Toshiba Semiconductor
TPC6108 TOSHIBA-TPC6108_08 Datasheet
227Kb / 7P
   Notebook PC Applications
logo
List of Unclassifed Man...
HD29468 ETC-HD29468 Datasheet
25Kb / 7P
   Triple Line Drivers / Receivers
logo
Renesas Technology Corp
HD29468 RENESAS-HD29468 Datasheet
205Kb / 8P
   Triple Line Drivers/Receivers
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com