Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2701-1 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS2701-1
Description  HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2701-1 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS2701-1_15 Datasheet HTML 1Page - Renesas Technology Corp PS2701-1_15 Datasheet HTML 2Page - Renesas Technology Corp PS2701-1_15 Datasheet HTML 3Page - Renesas Technology Corp PS2701-1_15 Datasheet HTML 4Page - Renesas Technology Corp PS2701-1_15 Datasheet HTML 5Page - Renesas Technology Corp PS2701-1_15 Datasheet HTML 6Page - Renesas Technology Corp PS2701-1_15 Datasheet HTML 7Page - Renesas Technology Corp PS2701-1_15 Datasheet HTML 8Page - Renesas Technology Corp PS2701-1_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PS2701-1
R08DS0094EJ0400 Rev.4.00
Page 3 of 13
Jan 23, 2013
MARKING EXAMPLE
N
3
01
CTR Rank Code
Year Assembled
(Last 1 Digit)
Week Assembled
R
2701
N301
No. 1 pin Mark
*2
*1
Remark "PS" and "-1" are omitted from original type number
Company initial
Type Number
Assembly Lot
Note: Bar indication contents of *1 and *2.
Made in Taiwan
R
2701
N301
*1: No indication
*2: No indication
*1: No indication
*2: "
" (Vertical bar)
"
" (Vertical bar)
:Made in Japan
Made in Japan
R
2701
N301
Made in Taiwan
Halogen free
R
2701
N301
"
" (Horizontal bar)
:Made in Taiwan & Halogen free
*1: "
" (Horizontal bar)
*2: No indication
*1: No indication
*2: "
" (Horizontal bar)
Made in Japan
Halogen free
R
2701
N301
"
" (Horizontal bar)
:Made in Japan & Halogen free
<R>


Similar Part No. - PS2701-1_15

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2701-1-A CEL-PS2701-1-A Datasheet
404Kb / 14P
   HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
PS2701-1-F3 CEL-PS2701-1-F3 Datasheet
404Kb / 14P
   HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
PS2701-1-F3-A CEL-PS2701-1-F3-A Datasheet
404Kb / 14P
   HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
PS2701-1-F4 CEL-PS2701-1-F4 Datasheet
404Kb / 14P
   HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
PS2701-1-F4-A CEL-PS2701-1-F4-A Datasheet
404Kb / 14P
   HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
More results

Similar Description - PS2701-1_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2701-1 RENESAS-PS2701-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
July 19, 2019
logo
California Eastern Labs
PS2701-1 CEL-PS2701-1 Datasheet
404Kb / 14P
   HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2701-1 NEC-PS2701-1 Datasheet
109Kb / 12P
   HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2801-1 NEC-PS2801-1 Datasheet
131Kb / 12P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
PS2705A-1 RENESAS-PS2705A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com