Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2761B-1 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS2761B-1
Description  4-PIN SOP PHOTOCOUPLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2761B-1 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS2761B-1_15 Datasheet HTML 1Page - Renesas Technology Corp PS2761B-1_15 Datasheet HTML 2Page - Renesas Technology Corp PS2761B-1_15 Datasheet HTML 3Page - Renesas Technology Corp PS2761B-1_15 Datasheet HTML 4Page - Renesas Technology Corp PS2761B-1_15 Datasheet HTML 5Page - Renesas Technology Corp PS2761B-1_15 Datasheet HTML 6Page - Renesas Technology Corp PS2761B-1_15 Datasheet HTML 7Page - Renesas Technology Corp PS2761B-1_15 Datasheet HTML 8Page - Renesas Technology Corp PS2761B-1_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PS2761B-1
R08DS0106EJ0400 Rev.4.00
Page 4 of 13
Jan 29, 2013
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part Number*1
PS2761B-1-F3
PS2761B-1-F3-A
Embossed Tape
3 500 pcs/reel
Standard products
(UL, CSA, BSI,
SEMKO, NEMKO,
DEMKO, FIMKO,
CQC approved)
PS2761B-1-V-F3 PS2761B-1-V-F3-A
Pb-Free
Embossed Tape
3 500 pcs/reel
DIN EN 60747-5-5
(VDE 0884-5)
Approved (Option)
PS2761B-1
PS2761B-1-F3
PS2761B-1Y-F3-A
Embossed Tape
3 500 pcs/reel
Standard products
(UL, CSA, BSI,
SEMKO, NEMKO,
DEMKO, FIMKO,
CQC approved)
PS2761B-1-V-F3 PS2761B-1Y-V-F3-A
Special version
(Pb-Free and
Halogen Free)
Embossed Tape
3 500 pcs/reel
DIN EN 60747-5-5
(VDE 0884-5)
Approved (Option)
PS2761B-1
Note: *1. For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
6
V
Power Dissipation Derating
ΔPD/°C
0.8
mW/
°C
Power Dissipation
PD
80
mW
Peak Forward Current
*1
IFP
1.0
A
Transistor
Collector to Emitter Voltage
VCEO
70
V
Emitter to Collector Voltage
VECO
5
V
Collector Current
IC
50
mA
Power Dissipation Derating
ΔPC/°C
1.5
mW/
°C
Power Dissipation
PC
150
mW
Isolation Voltage
*2
BV
3 750
Vr.m.s.
Operating Ambient Temperature
TA
–55 to +110
°C
Storage Temperature
Tstg
–55 to +150
°C
Note: *1. PW = 100
μs, Duty Cycle = 1%
*2. AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output.
Pins 1-2 shorted together, 3-4 shorted together.
<R>
<R>
<R>


Similar Part No. - PS2761B-1_15

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761B-1-A NEC-PS2761B-1-A Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2761B-1-A CEL-PS2761B-1-A Datasheet
210Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2761B-1-F3 NEC-PS2761B-1-F3 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2761B-1-F3 CEL-PS2761B-1-F3 Datasheet
210Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2761B-1-F3-A NEC-PS2761B-1-F3-A Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results

Similar Description - PS2761B-1_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL357NCTA-VG EVERLIGHT-EL357NCTA-VG Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357NB-G EVERLIGHT-EL357NB-G Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357 EVERLIGHT-EL357_08 Datasheet
321Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL121N EVERLIGHT-EL121N Datasheet
1Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357N-G EVERLIGHT-EL357N-G_14 Datasheet
714Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
California Eastern Labs
PS2711-1 CEL-PS2711-1 Datasheet
204Kb / 11P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2711-1 RENESAS-PS2711-1_15 Datasheet
224Kb / 13P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2711-1 NEC-PS2711-1 Datasheet
92Kb / 7P
   HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL357NC-G EVERLIGHT-EL357NC-G Datasheet
374Kb / 11P
   4 PIN ULTRA SMALL SOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
NEC
PS2761-1 NEC-PS2761-1 Datasheet
79Kb / 7P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com