Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2801-4-V-F3 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PS2801-4-V-F3
Description  High isolation voltage Small and thin package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2801-4-V-F3 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PS2801-4-V-F3 Datasheet HTML 2Page - Renesas Technology Corp PS2801-4-V-F3 Datasheet HTML 3Page - Renesas Technology Corp PS2801-4-V-F3 Datasheet HTML 4Page - Renesas Technology Corp PS2801-4-V-F3 Datasheet HTML 5Page - Renesas Technology Corp PS2801-4-V-F3 Datasheet HTML 6Page - Renesas Technology Corp PS2801-4-V-F3 Datasheet HTML 7Page - Renesas Technology Corp PS2801-4-V-F3 Datasheet HTML 8Page - Renesas Technology Corp PS2801-4-V-F3 Datasheet HTML 9Page - Renesas Technology Corp PS2801-4-V-F3 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PS2801-1, PS2801-4
R08DS0096EJ0500 Rev.5.00
Page 6 of 14
Jan 23, 2013
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
0
25
50
100
75
75
100
25
50
Ambient Temperature TA
(
°C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
PS2801-4
PS2801-1
0.6 mW/
°C
0.8 mW/
°C
PS2801-1
PS2801-4
1.2 mW/
°C
100
50
75
25
0
200
50
150
100
Ambient Temperature TA (
°C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
0
°C
–25
°C
–55
°C
TA = +100
°C
+60
°C
+25
°C
50
100
0.1
5
1
10
0.5
0.7
0.9
1.1
1.4
0.8
1.0
1.2
1.3
1.5
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
IF = 5 mA
50
mA
10
mA
20
mA
70
0
50
60
30
40
10
20
4
28
610
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
100
10 000
1 000
10
1
–50
–25
0
100
25
50
75
Ambient Temperature TA (
°C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
VCE = 80 V
40 V
24 V
10 V
5 V
IF = 1 mA
50 mA
20 mA
10 mA
5 mA
2 mA
1
10
40
5
0.5
0.1
0
0.2
1.0
0.4
0.6
0.8
Collector Saturation Voltage VCE (sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
Remark The graphs indicate nominal characteristics.
<R>


Similar Part No. - PS2801-4-V-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801-4-V-F3 CEL-PS2801-4-V-F3 Datasheet
429Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-4-V-F3 CEL-PS2801-4-V-F3 Datasheet
251Kb / 17P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
More results

Similar Description - PS2801-4-V-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2805-1 RENESAS-PS2805-1_15 Datasheet
280Kb / 16P
   High isolation voltage Small and thin package
logo
Advanced Power Electron...
AP4425GO A-POWER-AP4425GO_14 Datasheet
124Kb / 4P
   Small & Thin Package
logo
KODENSHI_AUK CORP.
HPI610A KODENSHI-HPI610A Datasheet
185Kb / 3P
   Small thin SMD package
logo
A-Data Technology
UV140 A-DATA-UV140 Datasheet
429Kb / 2P
   Small and thin
logo
KODENSHI_AUK CORP.
KB1608B46 KODENSHI-KB1608B46 Datasheet
177Kb / 4P
   ultra small and thin form package white LED
logo
Fujitsu Component Limit...
FPT-20P-M04 FUJITSU-FPT-20P-M04 Datasheet
37Kb / 1P
   THIN SHRINK SMALL OUTLINE PACKAGE
logo
Hamamatsu Corporation
S10917-35GT HAMAMATSU-S10917-35GT_15 Datasheet
265Kb / 4P
   RGB color sensor integrated in small and thin package
S10942-01CT HAMAMATSU-S10942-01CT_15 Datasheet
259Kb / 4P
   RGB color sensor integrated in small and thin package
S10170 HAMAMATSU-S10170 Datasheet
66Kb / 2P
   RGB color sensor integrated in small and thin package
logo
Seiko Instruments Inc
S-1323 SII-S-1323 Datasheet
419Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com