Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2801C-1-V-F3 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PS2801C-1-V-F3
Description  PS2805-1_15v
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2801C-1-V-F3 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PS2801C-1-V-F3 Datasheet HTML 6Page - Renesas Technology Corp PS2801C-1-V-F3 Datasheet HTML 7Page - Renesas Technology Corp PS2801C-1-V-F3 Datasheet HTML 8Page - Renesas Technology Corp PS2801C-1-V-F3 Datasheet HTML 9Page - Renesas Technology Corp PS2801C-1-V-F3 Datasheet HTML 10Page - Renesas Technology Corp PS2801C-1-V-F3 Datasheet HTML 11Page - Renesas Technology Corp PS2801C-1-V-F3 Datasheet HTML 12Page - Renesas Technology Corp PS2801C-1-V-F3 Datasheet HTML 13Page - Renesas Technology Corp PS2801C-1-V-F3 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PS2801C-1, PS2801C-4e
R08DS0072EJ0400 Rev.4.00
Page 10 of 12
Jan 9, 2013
NOTES ON HANDLING
1. Recommended soldering conditions
(1) Infrared reflow soldering
Peak reflow temperature
260
°C or below (package surface temperature)
Time of peak reflow temperature
10 seconds or less
Time of temperature higher than 220
°C
60 seconds or less
Time to preheat temperature from 120 to 180
°C
120
±30 s
Number of reflows
Three
Flux
Rosin flux containing small amount of chlorine (The
flux with a maximum chlorine content of 0.2 Wt% is
recommended.)
120±30 s
(preheating)
220
°C
180
°C
Time (s)
Recommended Temperature Profile of Infrared Reflow
(heating)
to 10 s
to 60 s
260
°C MAX.
120
°C
(2) Wave soldering
Temperature
260
°C or below (molten solder temperature)
Time
10 seconds or less
Preheating conditions
120
°C or below (package surface temperature)
Number of times
One (Allowed to be dipped in solder including plastic
mold portion.)
Flux
Rosin flux containing small amount of chlorine (The flux
with a maximum chlorine content of 0.2 Wt% is
recommended.)
(3) Soldering by Soldering Iron
Peak Temperature (lead part temperature)
350
°C or below
Time (each pins)
3 seconds or less
Flux
Rosin flux containing small amount of chlorine (The flux
with a maximum chlorine content of 0.2 Wt% is
recommended.)
(a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead
(4) Cautions
Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
<R>


Similar Part No. - PS2801C-1-V-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801C-1-V-F3 CEL-PS2801C-1-V-F3 Datasheet
380Kb / 14P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801C-1-V-F3 RENESAS-PS2801C-1-V-F3 Datasheet
511Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com