Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2801C-4-V-F3 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS2801C-4-V-F3
Description  PS2805-1_15v
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2801C-4-V-F3 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS2801C-4-V-F3 Datasheet HTML 1Page - Renesas Technology Corp PS2801C-4-V-F3 Datasheet HTML 2Page - Renesas Technology Corp PS2801C-4-V-F3 Datasheet HTML 3Page - Renesas Technology Corp PS2801C-4-V-F3 Datasheet HTML 4Page - Renesas Technology Corp PS2801C-4-V-F3 Datasheet HTML 5Page - Renesas Technology Corp PS2801C-4-V-F3 Datasheet HTML 6Page - Renesas Technology Corp PS2801C-4-V-F3 Datasheet HTML 7Page - Renesas Technology Corp PS2801C-4-V-F3 Datasheet HTML 8Page - Renesas Technology Corp PS2801C-4-V-F3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
R08DS0072EJ0400 Rev.4.00
Page 1 of 12
Jan 9, 2013
PS2801C-1
PS2801C-4
PIN CONNECTION
(Top View)
1. Anode
2. Cathode
3. Emitter
4. Collector
43
12
12 34 56 78
16 15 14 13 12 11 10 9
Anode
Cathode
Emitter
Collector
1. 3. 5. 7.
2. 4. 6. 8.
9. 11. 13. 15.
10. 12. 14. 16.
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Data Sheet
PS2801C-1, PS2801C-4
HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
DESCRIPTION
These products are optically coupled isolators containing a GaAs light emitting diode and an NPN silicon
phototransistor in a plastic SSOP for high density applications to realize an excellent cost performance.
This package has shield effect to cut off ambient light.
FEATURES
• High isolation voltage (BV = 2 500 Vr.m.s.)
• Small and thin package (4, 16-pin SSOP, Pin pitch 1.27 mm)
• High collector to emitter voltage (V
CEO : 80 V)
• Ordering number of tape product: PS2801C-1-F3, PS2801C-4-F3
• Pb-Free product
• Safety standards
• UL approved: File No. E72422
• CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
• BSI approved (BS EN 60065, BS EN 60950) (PS2801C-1 only)
• DIN EN 60747-5-5 (VDE 0884-5) approved (Option)
APPLICATIONS
• Programmable logic controllers
• Measuring instruments
• Power supply
• Hybrid IC
R08DS0072EJ0400
Rev.4.00
Jan 9, 2013
<R>
<R>


Similar Part No. - PS2801C-4-V-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801C-4-V-F3 CEL-PS2801C-4-V-F3 Datasheet
380Kb / 14P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801C-4-V-F3 RENESAS-PS2801C-4-V-F3 Datasheet
511Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com