Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2805-4-V-F3 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS2805-4-V-F3
Description  PS2805-1_15v
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2805-4-V-F3 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS2805-4-V-F3 Datasheet HTML 1Page - Renesas Technology Corp PS2805-4-V-F3 Datasheet HTML 2Page - Renesas Technology Corp PS2805-4-V-F3 Datasheet HTML 3Page - Renesas Technology Corp PS2805-4-V-F3 Datasheet HTML 4Page - Renesas Technology Corp PS2805-4-V-F3 Datasheet HTML 5Page - Renesas Technology Corp PS2805-4-V-F3 Datasheet HTML 6Page - Renesas Technology Corp PS2805-4-V-F3 Datasheet HTML 7Page - Renesas Technology Corp PS2805-4-V-F3 Datasheet HTML 8Page - Renesas Technology Corp PS2805-4-V-F3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PS2801C-1, PS2801C-4e
R08DS0072EJ0400 Rev.4.00
Page 5 of 12
Jan 9, 2013
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward Voltage
VF
IF = 5 mA
1.2
1.4
V
Reverse Current
IR
VR = 5 V
5
μA
Diode
Terminal Capacitance
Ct
V = 0 V, f = 1.0 MHz
10
pF
Transistor
Collector to Emitter
Dark Current
ICEO
VCE = 80 V, IF = 0 mA
100
nA
Current Transfer Ratio
(IC/IF)
*1
CTR
IF = 5 mA, VCE = 5 V
50
400
%
Collector Saturation
Voltage
VCE (sat)
IF = 10 mA, IC = 2 mA
0.13
0.3
V
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
11
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1.0 MHz
0.4
pF
Rise Time
*2
tr
5
Fall Time
*2
tf
7
Turn-on Time
*2
ton
10
Coupled
Turn-off Time
*2
toff
VCC = 5 V, IC = 2 mA, RL = 100 Ω
7
μs
Notes:
*1. CTR rank
PS2801C-1
N : 50 to 400 (%)
P : 150 to 300 (%)
L : 100 to 300 (%)
M : 100 to 400 (%)
PS2801C-4
N : 50 to 400 (%)
M : 100 to 400 (%)
*2. Test circuit for switching time
Input
Output
90%
10%
tr
td
tf
ts
ton
toff
VCC
VOUT
RL = 100
Ω
IF
50
Ω
Pulse Input
PW = 100 s
Duty Cycle = 1/10
μ
<R>
<R>


Similar Part No. - PS2805-4-V-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS2805-4-F3 NEC-PS2805-4-F3 Datasheet
135Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP PHOTOCOUPLER
PS2805-4-F4 NEC-PS2805-4-F4 Datasheet
135Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com