Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2861B-1 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS2861B-1
Description  4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2861B-1 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS2861B-1_15 Datasheet HTML 1Page - Renesas Technology Corp PS2861B-1_15 Datasheet HTML 2Page - Renesas Technology Corp PS2861B-1_15 Datasheet HTML 3Page - Renesas Technology Corp PS2861B-1_15 Datasheet HTML 4Page - Renesas Technology Corp PS2861B-1_15 Datasheet HTML 5Page - Renesas Technology Corp PS2861B-1_15 Datasheet HTML 6Page - Renesas Technology Corp PS2861B-1_15 Datasheet HTML 7Page - Renesas Technology Corp PS2861B-1_15 Datasheet HTML 8Page - Renesas Technology Corp PS2861B-1_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
R08DS0100EJ0300 Rev.3.00
Page 1 of 13
Jan 23, 2013
1. Anode
2. Cathode
3. Emitter
4. Collector
PIN CONNECTION
(Top View)
43
12
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Data Sheet
PS2861B-1
4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110
°C
DESCRIPTION
The PS2861B-1 is an optically coupled isolator containing a GaAs light emitting diode and an NPN silicon
phototransistor.
The package has a shield effect to cut off ambient light, and is mounted in a Shrink SOP (Small Outline Package) for
high density applications.
Due to the high isolation voltage between the input and output, the PS2861B-1 is suitable for interface and signal
transfer circuits that require surface or high-density mounting.
FEATURES
• Operating ambient temperature: 110°C
• Isolation distance (0.4 mm MIN.)
• High isolation voltage (BV = 3 750 Vr.m.s.)
• Shrink SOP (Small Outline Package) type
• High-speed switching (tr = 4
μs TYP., tf = 5μs TYP.)
• Embossed tape product: PS2861B-1-F3: 3 500 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: No. E72422
• CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
• BSI approved (BS EN 60065, BS EN 60950)
• SEMKO, NEMKO, DEMKO, FIMKO approved (EN 60065, EN60950)
• CQC approved (GB8898, GB4943)
• DIN EN 60747-5-5 (VDE 0884-5) approved (Option)
APPLICATIONS
• Power supply
• Programmable logic controllers
R08DS0100EJ0300
Rev.3.00
Jan 23, 2013
<R>


Similar Part No. - PS2861B-1_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2861B-1-F3 RENESAS-PS2861B-1-F3 Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2861B-1-F3 CEL-PS2861B-1-F3 Datasheet
245Kb / 13P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110쨘C
logo
Renesas Technology Corp
PS2861B-1-V RENESAS-PS2861B-1-V Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2861B-1-V CEL-PS2861B-1-V Datasheet
245Kb / 13P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110쨘C
logo
Renesas Technology Corp
PS2861B-1-V-F3 RENESAS-PS2861B-1-V-F3 Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results

Similar Description - PS2861B-1_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1 Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2761B-1 CEL-PS2761B-1 Datasheet
210Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2861B-1 CEL-PS2861B-1 Datasheet
245Kb / 13P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110쨘C
logo
Renesas Technology Corp
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561B-1 RENESAS-PS2561B-1_15 Datasheet
281Kb / 18P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1_15 Datasheet
243Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1 Datasheet
251Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561F-1 CEL-PS2561F-1 Datasheet
1Mb / 14P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2561B-1 NEC-PS2561B-1 Datasheet
179Kb / 17P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com