Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2913-1-V-F3 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS2913-1-V-F3
Description  SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2913-1-V-F3 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS2913-1-V-F3 Datasheet HTML 1Page - Renesas Technology Corp PS2913-1-V-F3 Datasheet HTML 2Page - Renesas Technology Corp PS2913-1-V-F3 Datasheet HTML 3Page - Renesas Technology Corp PS2913-1-V-F3 Datasheet HTML 4Page - Renesas Technology Corp PS2913-1-V-F3 Datasheet HTML 5Page - Renesas Technology Corp PS2913-1-V-F3 Datasheet HTML 6Page - Renesas Technology Corp PS2913-1-V-F3 Datasheet HTML 7Page - Renesas Technology Corp PS2913-1-V-F3 Datasheet HTML 8Page - Renesas Technology Corp PS2913-1-V-F3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PS2913-1e
R08DS0113EJ0100 Rev.1.00
Page 3 of 12
Nov 29, 2013
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part
Number
*1
PS2913-1
PS2913-1-AX
Pb-Free
50 pcs (Tape 50 pcs cut)
Standard products
PS2913-1
PS2913-1-F3
PS2913-1-F3-
AX
(Ni/Pd/Au)
Embossed Tape 3 500
pcs/reel
(UL, BSI approved)
PS2913-1-V
PS2913-1-V-AX
50 pcs (Tape 50 pcs cut)
UL, BSI,
DIN EN 60747-5-5
PS2913-1-V-F3 PS2913-1-V-F3-
AX
Embossed Tape 3 500
pcs/reel
(VDE 0884-5)
Approved (Option)
Note: *1. For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
IF
50
mA
Forward Current Derating
ΔIF/°C
0.5
mA/
°C
Peak Forward Current
*1
IFP
0.5
A
Power Dissipation
PD
60
mW
Reverse Voltage
VR
6
V
Detector
Collector to Emitter Voltage
VCEO
120
V
Emitter to Collector Voltage
VECO
6
V
Collector Current
IC
30
mA
Power Dissipation Derating
ΔPC/°C
1.2
mW/
°C
Power Dissipation
PC
120
mW
Isolation Voltage
*2
BV
2 500
Vr.m.s.
Total Power Dissipation
PT
160
mW
Operating Ambient Temperature
TA
−55 to +100
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes: *1. PW = 100
μs, Duty Cycle = 1%
*2. AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output.
Pins 1-2 shorted together, 3-4 shorted together.
<R>


Similar Part No. - PS2913-1-V-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2913-1-V-F3 RENESAS-PS2913-1-V-F3 Datasheet
400Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2913-1-V-F3 RENESAS-PS2913-1-V-F3 Datasheet
476Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
PS2913-1-V-F3-AX RENESAS-PS2913-1-V-F3-AX Datasheet
400Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2913-1-V-F3-AX RENESAS-PS2913-1-V-F3-AX Datasheet
476Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
More results

Similar Description - PS2913-1-V-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2913-1 CEL-PS2913-1 Datasheet
352Kb / 10P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2913-1 RENESAS-PS2913-1_V01 Datasheet
476Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
PS2913-1 RENESAS-PS2913-1_16 Datasheet
400Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2913-1 ETC-PS2913-1 Datasheet
112Kb / 6P
   NECs SINGLE TR. OUTPUT, HIGH COLLECTOR-EMITTER VOLTAGE, 4-PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2933-1 RENESAS-PS2933-1_15 Datasheet
390Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
logo
NEC
PS2932-1 NEC-PS2932-1 Datasheet
84Kb / 6P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4 PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
California Eastern Labs
PS2933-1 CEL-PS2933-1 Datasheet
1Mb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2933-1 RENESAS-PS2933-1_16 Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1 RENESAS-PS2933-1_V01 Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
PS7801-1A RENESAS-PS7801-1A Datasheet
219Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com