Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV400MJ883 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HV400MJ883
Description  High Current MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HV400MJ883 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HV400MJ883 Datasheet HTML 3Page - Intersil Corporation HV400MJ883 Datasheet HTML 4Page - Intersil Corporation HV400MJ883 Datasheet HTML 5Page - Intersil Corporation HV400MJ883 Datasheet HTML 6Page - Intersil Corporation HV400MJ883 Datasheet HTML 7Page - Intersil Corporation HV400MJ883 Datasheet HTML 8Page - Intersil Corporation HV400MJ883 Datasheet HTML 9Page - Intersil Corporation HV400MJ883 Datasheet HTML 10Page - Intersil Corporation HV400MJ883 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Burn-In Circuit (Dynamic)
1
2
3
4
8
7
6
5
Q2
Q1
C3
0.1
µF
V3
FX
R3
V2
C5
0.1
µF
R1
R2
C2
0.001
µF
C4
0.1
µF
C1
0.01
µF
V1
NOTES:
4. R1 = 100
Ω, 5%, 1/4W.
5. R2 = 5
Ω, 5%, 2W.
6. R3 = 100
Ω, 5%, 2W.
7. C1 = 0.01
µF, 10%, 30V.
8. C2 = 0.001
µF, 10%, 30V.
9. C3, C4, C5 = 0.1
µF, 20%, 50V.
10. V1 = -15.5V,
± 0.5V.
11. V2 = -5.5V,
± 0.5V.
12. V3 = +5.5V,
± 0.5V.
13. Q1, Q2 = SK9505 or Equivalent. (One Pair Per Board Column)
14. FX = 12.5kHz, 50% Duty Cycle.
VIL = 0.8V (Max)
VIH = +4V (Min)
HV400MJ/883


Similar Part No. - HV400MJ883

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HV400MJ/883 HARRIS-HV400MJ/883 Datasheet
3Mb / 10P
   High Current MOSFET Driver
HV400MJ/883 HARRIS-HV400MJ/883 Datasheet
3Mb / 10P
   High Current MOSFET Driver
More results

Similar Description - HV400MJ883

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HV400 HARRIS-HV400 Datasheet
3Mb / 10P
   High Current MOSFET Driver
logo
STMicroelectronics
L6743D STMICROELECTRONICS-L6743D Datasheet
423Kb / 16P
   High current MOSFET driver
L6747C STMICROELECTRONICS-L6747C Datasheet
341Kb / 15P
   High current MOSFET driver
L6743 STMICROELECTRONICS-L6743 Datasheet
317Kb / 17P
   High current MOSFET driver
L6741 STMICROELECTRONICS-L6741 Datasheet
301Kb / 16P
   High current MOSFET driver
L6743B STMICROELECTRONICS-L6743B Datasheet
246Kb / 16P
   High current MOSFET driver
logo
Harris Corporation
HV400-MJ HARRIS-HV400-MJ Datasheet
3Mb / 10P
   High Current MOSFET Driver
logo
STMicroelectronics
L6747ATR STMICROELECTRONICS-L6747ATR Datasheet
415Kb / 15P
   High current MOSFET driver
March 2010 Rev 1
L6743 STMICROELECTRONICS-L6743_08 Datasheet
354Kb / 17P
   High current MOSFET driver
logo
ON Semiconductor
NCX57090Y ONSEMI-NCX57090Y_V01 Datasheet
1Mb / 25P
   Isolated High Current IGBT/MOSFET Gate Driver
July, 2022 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com