Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ356 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SJ356
Description  P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SJ356 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SJ356_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SJ356_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SJ356_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SJ356_15 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
P-Channel MOSFET
2SJ356
Electrical Characteristics Ta = 25℃
Marking
Marking
PR
Typical Characterisitics
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
25
100
80
60
40
20
TA - Ambient Temperature - ˚C
FORWARD BIAS SAFE OPERATING AREA
–0.5
–10
VDS - Drain to Source Voltage - V
0
50
75
100
125
150
–5
–2
–1
–0.5
–0.2
–0.1
–0.05
Single pulse
0
0
1
1
–2
–5
–10 –20
–50
PW
= 100
ms
10
ms
1 ms
DC
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-60
V
Zero Gate Voltage Drain Current
IDSS
VDS=-60V, VGS=0V
-10
uA
Gate-Body leakage current
IGSS
VDS=0V, VGS=±16V
±
10
uA
Gate to Source Cutoff Voltage
VGS(off)
VGS=-10V ID=-1mA
-1
-2
V
VGS=-10V, ID=-1A
0.5
VGS=-4V, ID=-1A
0.95
Forward Transconductance
gFS
VDS=-10V, ID=-1A
1
S
Input Capacitance
Ciss
270
Output Capacitance
Coss
145
Reverse Transfer Capacitance
Crss
55
Gate Input Charge
QG
11.6
Gate to Source Charge
QGS
1
Gate to Drain Charge
QGD
3.8
Turn-On DelayTime
td(on)
4.3
Turn-On Rise Time
tr
21
Turn-Off DelayTime
td(off)
115
Turn-Off Fall Time
tf
75
Body Diode Reverse Recovery Time
trr
82
Internal Diode Reverse Recovery Ch
Qrr
94
nC
Static Drain-Source On-Resistance
RDS(On)
Ω
IF=-2A, dI/dt=50A/μs
VGS=-10V, VDS=-48V,
ID=-2A,IG=-2mA
nC
pF
ns
VGS(on)=-10V, ID=-1A,
RL=25Ω,RG=10Ω,VDD=-25V
VGS=0V, VDS=-10V, f=1MHz


Similar Part No. - 2SJ356_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ356C RENESAS-2SJ356C Datasheet
246Kb / 8P
   P-CHANNEL MOSFET FOR SWITCHING
More results

Similar Description - 2SJ356_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com