Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ603-ZJ Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SJ603-ZJ
Description  P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SJ603-ZJ Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SJ603-ZJ Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SJ603-ZJ Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SJ603-ZJ Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SJ603-ZJ Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 2SJ603-ZJ Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
Typical Characterisitics
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
50
0
50
100
150
ID = –13 A
100
80
60
40
20
0
–10 V
VGS = –4.0 V
Pulsed
–4.5V
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
–1.0
0
–1.5
VSD - Source to Drain Voltage - V
–0.5
Pulsed
–0.01
–0.1
–1
–10
–100
0 V
VGS = –10 V
–4.0 V
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
10
100
1000
10000
–0.1
–1
–10
VGS = 0 V
f = 1 MHz
Coss
Crss
Ciss
–100
SWITCHING CHARACTERISTICS
ID - Drain Current - A
10
1
–1
–0.1
100
1000
–10
–100
tf
tr
td(on)
td(off)
VDD = –30 V
VGS = –10 V
RG = 0
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
IF - Drain Current - A
di/dt = 100 A/ s
VGS = 0 V
1
0.1
10
1
10
100
1000
100
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
0
10
15
5
20
25
30
35
40
–60
–50
–40
–30
–20
–10
0
VDS
VDD = –48 V
–30 V
–12 V
ID = –25 A
–12
–10
–8
–6
–4
–2
0
VGS
P-Channel MOSFET
2SJ603-ZJ


Similar Part No. - 2SJ603-ZJ

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ603-ZJ NEC-2SJ603-ZJ Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ603-ZJ RENESAS-2SJ603-ZJ Datasheet
215Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

Similar Description - 2SJ603-ZJ

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com