Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ606-ZJ Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SJ606-ZJ
Description  P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SJ606-ZJ Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SJ606-ZJ Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SJ606-ZJ Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SJ606-ZJ Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SJ606-ZJ Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 2SJ606-ZJ Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
P-Channel MOSFET
2SJ606-ZJ
Features
VDS (V) =-60V
ID =-83A
RDS(ON) < 15mΩ (VGS =-10V)
RDS(ON) < 23mΩ (VGS =-4V)
Low Ciss: Ciss = 4800 pF (TYP.)
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-60
Gate-Source Voltage
VGS
±
20
Continuous Drain Current
ID
-83
Pulsed Drain Current (Note.1)
IDM
-300
Single Avalanche Current (Note.2)
IAS
-40
120
1.5
Single Avalanche Energy
(Note.2)
EAS
160
mJ
Junction Temperature
TJ
150
Junction Storage Temperature Range
Tstg
-55 to 150
V
Power Dissipation
PD
W
A
Note.1: PW ≤ 10us,Duty Cycle ≤ 1%
Note.2: Starting TJ = 25 °C,VDD=-30V, RG = 25Ω , VGS = –20 V → 0
Tc = 25℃
Ta = 25℃


Similar Part No. - 2SJ606-ZJ

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ606-ZJ NEC-2SJ606-ZJ Datasheet
78Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ606-ZJ RENESAS-2SJ606-ZJ Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

Similar Description - 2SJ606-ZJ

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com