Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ185-3 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SJ185-3
Description  P-Channel MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SJ185-3 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SJ185-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SJ185-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SJ185-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
P-Channel MOSFET
2SJ185
Features
VDS (V) =-50V
ID =-0.1 A (VGS =-4V)
RDS(ON) < 20Ω (VGS =-4V)
RDS(ON) < 40Ω (VGS =-2.5V)
Comp;ementary to 2SK1399
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-50
Gate-Source Voltage
VGS
±
7
Continuous Drain Current
ID
-100
Pulsed Drain Current (Note.1)
IDM
-200
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
Operating Temperature
Topt
-55 to 80
Junction Storage Temperature Range
Tstg
-55 to 150
V
mA
Note.1: PW ≤ 10ms,Duty Cycle ≤ 50%
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-50
V
Zero Gate Voltage Drain Current
IDSS
VDS=-50V, VGS=0V
-10
uA
Gate-Body leakage current
IGSS
VDS=0V, VGS=±7V
±
5
uA
Gate Cut off Voltage
VGS(off)
VDS=-3V,ID=-1uA
-1.2
-2
V
VGS=-2.5V, ID=-1mA
40
VGS=-4V, ID=-10mA
20
Forward Transconductance
gFS
VDS=-3V, ID=-10mA
20
42
mS
Input Capacitance
Ciss
22
Output Capacitance
Coss
12
Reverse Transfer Capacitance
Crss
4
Turn-On DelayTime
td(on)
80
Turn-On Rise Time
tr
230
Turn-Off DelayTime
td(off)
40
Turn-Off Fall Time
tf
70
pF
Static Drain-Source On-Resistance
RDS(On)
Ω
VGS(on)=-3V, VDS=-3V, ID=-20mA,
RL=150Ω,RGEN=10Ω
ns
VGS=0V, VDS=-3V, f=1MHz
Marking
Marking
H12
1. Gate
2. Source
3. Drain
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
0.15 +0.02
-0.02


Similar Part No. - 2SJ185-3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SJ185-T1B VBSEMI-2SJ185-T1B Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
2SJ185-T1B-A VBSEMI-2SJ185-T1B-A Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
2SJ185-T2B VBSEMI-2SJ185-T2B Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Similar Description - 2SJ185-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com