Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM690A Datasheet(PDF) 4 Page - Analog Devices

Part # ADM690A
Description  Microprocessor Supervisory Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM690A Datasheet(HTML) 4 Page - Analog Devices

  ADM690A_15 Datasheet HTML 1Page - Analog Devices ADM690A_15 Datasheet HTML 2Page - Analog Devices ADM690A_15 Datasheet HTML 3Page - Analog Devices ADM690A_15 Datasheet HTML 4Page - Analog Devices ADM690A_15 Datasheet HTML 5Page - Analog Devices ADM690A_15 Datasheet HTML 6Page - Analog Devices ADM690A_15 Datasheet HTML 7Page - Analog Devices ADM690A_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADM690A/ADM692A/ADM802L/M/ADM805L/M
–4–
REV. 0
Typical Performance Curves
IOUT – mA
3
2.75
2
10
70
20
30
40
50
60
2.5
2.25
ROUT = 9.3Ω
Figure 1. Output Voltage vs. Load Current in Battery
Backup
10
0%
100
90
2µs
200mV
PFO
1.3V
PFI
1.2V
Figure 2. Power Fail Comparator Response Time L ¨ H
10
0%
100
90
10µs
1V
5V
VCC
RESET
4V
TA = +25 C
Figure 3. ADM690A RESET Response Time
IOUT – mA
5.00
4.92
4.84
20
200
50
100
150
4.9
4.88
4.86
4.98
4.96
4.88
ROUT = 0.53Ω
Figure 4. Output Voltage vs. Load Current in Normal
Operation
10
0%
100
90
2µs
200mV
TA = +25 C
5V
PFO
1.3V
PFI
0V
1.2V
Figure 5. Power Fail Comparator Response Time H ¨ L
10
0%
100
90
400ms
1V
Figure 6. RESET Output Voltage vs. VCC


Similar Part No. - ADM690A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM690AAN AD-ADM690AAN Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM690AAN AD-ADM690AAN Datasheet
269Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM690AARM AD-ADM690AARM Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM690AARM AD-ADM690AARM Datasheet
269Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM690AARN AD-ADM690AARN Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
More results

Similar Description - ADM690A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com