Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM810SAKSZ-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM810SAKSZ-REEL7
Description  Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM810SAKSZ-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  ADM810SAKSZ-REEL7 Datasheet HTML 1Page - Analog Devices ADM810SAKSZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM810SAKSZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM810SAKSZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM810SAKSZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM810SAKSZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM810SAKSZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM810SAKSZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM810SAKSZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ADM803/ADM809/ADM810
Data Sheet
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Ratings
VCC
−0.3 V to +6 V
RESET, RESET (Push-Pull)
−0.3 V to VCC + 0.5 V
RESET (Open-Drain)
−0.3 V to +6.0 V
Input Current
VCC
20 mA
Output Current
RESET, RESET
20 mA
Rate of Rise, VCC
100 V/μs
θJA Thermal Impedance
SC70
146°C/W
SOT-23
270°C/W
Lead Temperature (Soldering, 10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Table 3. Reset Threshold Options
RESET Model
Threshold (V)
ADM8xxL
4.63
ADM8xxM
4.38
ADM8xxJ (ADM809/ADM810 Only)
4.00
ADM8xxT
3.08
ADM8xxS
2.93
ADM8xxR
2.63
ADM8xxZ
2.32
Figure 2. Power Fail Reset Timing
ESD CAUTION
t1
t1
VREF
VREF
VREF
VREF
VCC
t1 = RESET TIME = 240ms TYP
VREF = RESET VOLTAGE THRESHOLD
RESET
Rev. I | Page 4 of 11


Similar Part No. - ADM810SAKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM810SAKSZ-REEL72 AD-ADM810SAKSZ-REEL72 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
More results

Similar Description - ADM810SAKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM810 AD-ADM810_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM809 AD-ADM809_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803 Datasheet
132Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
REV. C
ADM809LAKSZ-REEL7 AD-ADM809LAKSZ-REEL7 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM803 AD-ADM803_08 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM823 AD-ADM823_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM823 AD-ADM823 Datasheet
180Kb / 10P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev.PrB
ADM825TYRJ-R7 AD-ADM825TYRJ-R7 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. D
ADM824 AD-ADM824_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM825 AD-ADM825_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com