Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1014 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM1014
Description  Dual PCI Hot-Plug Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1014 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1014_15 Datasheet HTML 4Page - Analog Devices ADM1014_15 Datasheet HTML 5Page - Analog Devices ADM1014_15 Datasheet HTML 6Page - Analog Devices ADM1014_15 Datasheet HTML 7Page - Analog Devices ADM1014_15 Datasheet HTML 8Page - Analog Devices ADM1014_15 Datasheet HTML 9Page - Analog Devices ADM1014_15 Datasheet HTML 10Page - Analog Devices ADM1014_15 Datasheet HTML 11Page - Analog Devices ADM1014_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADM1014
–10–
REV.
PrN 1/02
Figure 3. Typical Application Circuit
the capacitor on 12VG, the +3.3VAUX, 3.3V and 5V outputs
may not have exceeded their undervoltage thresholds by the
time the undervoltage comparators are enabled, and a false
undervoltage condition may be detected. For this reason it is
recommended to use the same value for all three gate capaci-
tors.
For PCI applications the minimum recommended value is
0.033µF. Smaller values may cause overcurrent faults at power-
up due to excessive charging currents drawn by decoupling
capacitors.
The maximum value of the gate capacitors is determined by the
need to discharge them quickly when turning off the outputs
under fault conditions. If the capacitors are too large the
ADM1014 may be unable to protect the power bus or the ex-
ternal MOSFETs. With 0.033µF capacitors, the turn-off time
will be less than 6µs.
APPLICATIONS INFORMATION
APPLICATION CIRCUIT
Figure 3 shows a typical circuit configuration for the ADM1014 in
a PCI application, controlling supply voltages of +3.3V at up to
7.6A, +5V at up to 5A, +12V at up to 0.5A and –12V at up to
0.1A. In this circuit, two external MOSFETs are connected in
parallel for the 3.3V and 5V outputs to minimise on-resistance.
OCSET GND
R5
C11
C12
M12VOB
M12GB
PWRONA
M12VINA
12VOB
12VINA
3VISENA
3VSA
3V5VGA
3VISENB
3VSB
3V5VGB
12VINB
M12VINB
5VSB
5VISENB
M12VOA
M12GA
12VGA
12VOA
5VSA
5VISENA
ADM1014
C2
C3
C4
C5
R1
R2
R3
R4
Q1
Q2
Q3
Q4
TO SYSTEM CONTROLLER
SLOT 2
5V
3.3V
C7
C8
SLOT 1
-12V
12V
AUXINA
AUXOA
AUXGA
C1
+3.3Vaux
3.3V
5V
-12V
12V
AUXINB
AUXOB
AUXGB
C6
+3.3Vaux
FLTNA
C10
12VGB
PWRONB
PAUXONA
PAUXONB
FAUXA
FLTNB
FAUXB
FROM
SYSTEM
CONTROLLER
R11
R12
C9
PRELIMINARY TECHNICAL DATA


Similar Part No. - ADM1014_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1014JRU AD-ADM1014JRU Datasheet
167Kb / 12P
   Dual PCI Hot-PlugTM Controller
REV. PrN 1/02
More results

Similar Description - ADM1014_15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1011D INTERSIL-HIP1011D Datasheet
139Kb / 15P
   Dual PCI Hot Plug Controller
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Maxim Integrated Produc...
MAX5946 MAXIM-MAX5946 Datasheet
1,019Kb / 23P
   Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
logo
Micrel Semiconductor
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Intersil Corporation
HIP1011B INTERSIL-HIP1011B_04 Datasheet
237Kb / 9P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
   PCI Hot Plug Controller
logo
Texas Instruments
HPC3130 TI-HPC3130 Datasheet
555Kb / 40P
[Old version datasheet]   PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
61Kb / 7P
   PCI Hot Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com